Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 62 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 58Page - Texas Instruments LP5860 Datasheet HTML 59Page - Texas Instruments LP5860 Datasheet HTML 60Page - Texas Instruments LP5860 Datasheet HTML 61Page - Texas Instruments LP5860 Datasheet HTML 62Page - Texas Instruments LP5860 Datasheet HTML 63Page - Texas Instruments LP5860 Datasheet HTML 64Page - Texas Instruments LP5860 Datasheet HTML 65Page - Texas Instruments LP5860 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
Table 8-98. pwm_bri33 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
16-
bits_PWM_higher_8_bits_
_15:8__for_CS16
R/W
0h
16-bits PWM higher 8 bits [15:8] for CS16
8.6.8.35 pwm_bri34 Register (Address = 222h) [Default = 0h]
pwm_bri34 is shown in Figure 8-99 and described in Table 8-99.
Return to the Summary Table.
Figure 8-99. pwm_bri34 Register
7
6
5
4
3
2
1
0
16-bits_PWM_lower_8_bits__7:0__for_CS17
R/W-0h
Table 8-99. pwm_bri34 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
16-
bits_PWM_lower_8_bits__
7:0__for_CS17
R/W
0h
16-bits PWM lower 8 bits [7:0] for CS17
8.6.8.36 pwm_bri35 Register (Address = 223h) [Default = 0h]
pwm_bri35 is shown in Figure 8-100 and described in Table 8-100.
Return to the Summary Table.
Figure 8-100. pwm_bri35 Register
7
6
5
4
3
2
1
0
16-bits_PWM_higher_8_bits__15:8__for_CS17
R/W-0h
Table 8-100. pwm_bri35 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
16-
bits_PWM_higher_8_bits_
_15:8__for_CS17
R/W
0h
16-bits PWM higher 8 bits [15:8] for CS17
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
62
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com