Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 45Page - Texas Instruments LP5860 Datasheet HTML 46Page - Texas Instruments LP5860 Datasheet HTML 47Page - Texas Instruments LP5860 Datasheet HTML 48Page - Texas Instruments LP5860 Datasheet HTML 49Page - Texas Instruments LP5860 Datasheet HTML 50Page - Texas Instruments LP5860 Datasheet HTML 51Page - Texas Instruments LP5860 Datasheet HTML 52Page - Texas Instruments LP5860 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Table 8-62. DC16 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
LED_dot_current_setting_f
or_CS16
R/W
80h
8-bits constant current value for CS16
8.6.7.18 DC17 Register (Address = 111h) [Default = 80h]
DC17 is shown in Figure 8-64 and described in Table 8-63.
Return to the Summary Table.
Figure 8-64. DC17 Register
7
6
5
4
3
2
1
0
LED_dot_current_setting_for_CS17
R/W-80h
Table 8-63. DC17 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
LED_dot_current_setting_f
or_CS17
R/W
80h
8-bits constant current value for CS17
8.6.8 PWM Registers
Table 8-64 lists the PWM registers. All register offset addresses not listed in Table 8-64 must be considered as
reserved locations and the register contents must not be modified.
Table 8-64. PWM Registers
Address
Acronym
Register Name
Section
200h
pwm_bri0
8-bits PWM for CS0 OR 16-bits PWM lower 8 bits [7:0] for
CS0
Go
201h
pwm_bri1
8-bits PWM for CS1 OR 16-bits PWM higher 8 bits [15:8] for
CS0
Go
202h
pwm_bri2
8-bits PWM for CS2 OR 16-bits PWM lower 8 bits [7:0] for
CS1
Go
203h
pwm_bri3
8-bits PWM for CS3 OR 16-bits PWM higher 8 bits [15:8] for
CS1
Go
204h
pwm_bri4
8-bits PWM for CS4 OR 16-bits PWM lower 8 bits [7:0] for
CS2
Go
205h
pwm_bri5
8-bits PWM for CS5 OR 16-bits PWM higher 8 bits [15:8] for
CS2
Go
206h
pwm_bri6
8-bits PWM for CS6 OR 16-bits PWM lower 8 bits [7:0] for
CS3
Go
207h
pwm_bri7
8-bits PWM for CS7 OR 16-bits PWM higher 8 bits [15:8] for
CS3
Go
208h
pwm_bri8
8-bits PWM for CS8 OR 16-bits PWM lower 8 bits [7:0] for
CS4
Go
209h
pwm_bri9
8-bits PWM for CS9 OR 16-bits PWM higher 8 bits [15:8] for
CS4
Go
20Ah
pwm_bri10
8-bits PWM for CS10 OR 16-bits PWM lower 8 bits [7:0] for
CS5
Go
20Bh
pwm_bri11
8-bits PWM for CS11 OR 16-bits PWM higher 8 bits [15:8] for
CS5
Go
20Ch
pwm_bri12
8-bits PWM for CS12 OR 16-bits PWM lower 8 bits [7:0] for
CS6
Go
20Dh
pwm_bri13
8-bits PWM for CS13 OR 16-bits PWM higher 8 bits [15:8] for
CS6
Go
www.ti.com
LP5861T
SNVSCE4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com