Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 30Page - Texas Instruments TMP1827 Datasheet HTML 31Page - Texas Instruments TMP1827 Datasheet HTML 32Page - Texas Instruments TMP1827 Datasheet HTML 33Page - Texas Instruments TMP1827 Datasheet HTML 34Page - Texas Instruments TMP1827 Datasheet HTML 35Page - Texas Instruments TMP1827 Datasheet HTML 36Page - Texas Instruments TMP1827 Datasheet HTML 37Page - Texas Instruments TMP1827 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
9.4.3.3.5 WRITE SCRATCHPAD-2 (0Fh)
The function is issued by the host to prepare data write to the EEPROM using memory scratchpad.
Figure 9-23 shows that the host first sends 2 bytes for the EEPROM address, followed by 8 data bytes. On
receiving the 8 data bytes, the device computes the CRC for total of 10 bytes of address and data received
from the host for data integrity check. The function only copies the data to the memory scratchpad, to enable the
host to change data, before the final EEPROM erase and program. Additionally, the host may use the memory
scratchpad as a 8-byte volatile buffer.
The device does not support byte wise access for EEPROM. All access to the scratchpad are done in
increments of 8 bytes. Hence the host must send the address at the 8-byte block boundary. Figure 9-9 shows
that any attempt to write data at a non-block boundary will result in data corruption for the corresponding
EEPROM page and block.
9.4.3.3.6 READ SCRATCHPAD-2 (AAh)
The function is issued by the host to read the content of the memory scratchpad.
The host first sends the 2 bytes for the EEPROM address (see Figure 9-23). If the 2 bytes of address matches
the address sent during the last WRITE SCRATCHPAD-2, the device responds by sending the 8 bytes of data
that was written to the scratchpad-2 buffer earlier. The host can send a bus reset any time during the transfer. If
the device sends all 8 bytes and no bus reset is received,the device transmits the CRC computed on the 2 byte
of address sent by the host and 8 bytes of data sent by the device to the host for data integrity check.
If there is a mismatch in the EEPROM address, the device shall go back to the start and wait for a bus reset
to restart communication, and the host shall receive '1' on the bus for any subsequent read. This mechanism
ensures that the host can detect an address byte corruption during both WRITE SCRATCHPAD-2 and READ
SCRATCHPAD-2, as both the data bytes and CRC byte will read back as FFh.
9.4.3.3.7 COPY SCRATCHPAD-2 (55h)
The function is issued by the host to copy the contents of scratchpad-2 to the EEPROM. The EEPROM current
is higher during the erase and program, therefore the application must size the external pullup resistor to ensure
that there is sufficient current drawn by the one or more devices or implement a low impedance current path
using an external FET/transistor switch parallel to the bus pullup resistor.
The host application must ensure that only WRITE SCRATCHPAD-2 or READ SCRATCHPAD-2, with address of
the intended location in the user EEPROM, are issued before COPY SCRATCHPAD-2 is sent. The device stores
and uses the address sent during WRITE SCRATCHPAD-2 to identify the location in the user EEPROM where
the copy operation shall be performed. The host only needs to send one byte with A5h to initiate the copy of
the memory content from scratchpad-2 to the user EEPROM, at the address location already specified, when
performing the commit operation. The host must hold the bus in idle state for the EEPROM programming time
before starting any new access on the bus.
9.4.3.3.8 READ EEPROM (F0h)
The function is issued by the host to read the EEPROM memory directly.
The host sends 2 bytes for the address of the EEPROM location, that it wants to read. The device then
sends the data bytes starting from that location until the internal address pointer does not reach the end of
the EEPROM or host does not issue a bus reset. If the internal address pointer reaches end of the EEPROM
location, the device shall send 1's on the bus. After sending the 2 bytes for the address of the EEPROM location
to access, and when moving between block boundary, the host must idle the bus for tIDLE as specified in the
EEPROM characteristics. Additionally, there is no CRC provided in the response from the device during the
READ EEPROM function.
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com