Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 4 Page - Texas Instruments

  TMP1827 Datasheet HTML 1Page - Texas Instruments TMP1827 Datasheet HTML 2Page - Texas Instruments TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
7 Pin Configuration and Functions
6
8
7
5
3
ADDR
SDQ
IO3
GND
1
2
4
Thermal
Pad
V
DD
IO0
IO1
IO2/ALERT
Figure 7-1. NGR 8-Pin WSON Top View
Table 7-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
WSON
ADDR
3
I
Resistor address select. If unused, TI recommends to connect pin to ground
GND
4
—
Ground
IO0
6
I/O
General-purpose digital open-drain IO. If unused, TI recommends to connect pin to ground
IO1
7
I/O
General-purpose digital open-drain IO. If unused, TI recommends to connect pin to ground
IO2/ALERT
8
I/O
General-purpose digital open-drain IO or configurable as temperature alert. If unused, TI
recommends to connect pin to ground
IO3
5
I/O
General-purpose digital open-drain IO. If unused, TI recommends to connect pin to ground
SDQ
2
I/O
Serial bidirectional data. In bus power mode, the pin is used to power the internal capacitor
VDD
1
I
Supply voltage in VDD powered mode. In bus powered mode, must be connected to ground
8 Specifications
8.1 Absolute Maximum Ratings
Over free-air temperature range unless otherwise noted(1)
MIN
MAX
UNIT
Supply voltage
VDD
6.5
V
I/O voltage
SDQ, Bus powered mode
–0.3
6.5
V
SDQ, Supply powered mode
–0.3
VDD + 0.3
I/O voltage
IO0, IO1, IO2, IO3
–0.3
6.5
V
Input voltage
ADDR
–0.3
1.65
V
Operating junction temperature, TJ
–55
155
°C
Storage temperature, Tstg
–65
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
All pins
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
All pins
±500
V
IEC 61000-4-2 Contact Discharge
SDQ pin
±8000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com