Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments TMP1827 Datasheet HTML 10Page - Texas Instruments TMP1827 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Over free-air temperature range and VDD = 1.70 V to 5.5 V (unless otherwise noted)
STANDARD MODE
OVERDRIVE MODE
UNIT
MIN
MAX
MIN
MAX
tRSTL
Host to device bus reset pulse width (Figure 8-1)
(1)
480
560
48
80
µs
tRSTH
Device to host response time (Figure 8-1)(2)
480
48
µs
tPDH
Device turnaround time for bus reset
response (Figure 8-1)
15
60
2
8
µs
tPDL
Device to host response pulse width (Figure 8-1)
60
240
8
24
µs
tSLOT
Bit slot time (Figure 8-2, Figure 8-3)(5)
tWR0L + tRC
tWR0L + tRC
µs
tREC
Recovery time (Figure 8-2, Figure 8-3)
2
2
µs
tGF
Glitch filter width (Figure 8-6)(3)
0.48
0.025
µs
tF
Fall time
100
100
ns
BIT WRITE TIMING
tWR0L
Host write 0 width (Figure 8-2)
60
120
9
10
µs
tWR1L
Host write 1 width (Figure 8-2)
2
15
1
2
µs
tRDV
Device read data valid time (Figure 8-2)
15
2
µs
tDSW
Device read data window (Figure 8-2)
15
45
2
7
µs
BIT READ TIMING
tRL
Host drive read bit slot time (Figure 8-3)(4)
2.5
5
2
3
µs
tRWAIT
Host wait time before read data sampling
window (Figure 8-3)(5)
tRL+tRC
tRL+tRC
µs
tMSW
Host read data sampling window (Figure 8-3)(5)
tRL+tRC
30
tRL+tRC
3
µs
(1)
In bus powered mode, extending the tRSTL above 600 µs may cause the device to power on reset
(2)
The tRSTH is the maximum time the host must wait to receive a response from the furthest device, taking into account the propagation
delay and recovery time for all the devices.
(3)
The glitch filter timing applies only on the rising edge of the SDQ signal
(4)
tRL minimum time includes the glitch filter timing
(5)
The tRC time is defined as the time taken for the bus voltage to rise from 0V to minimum VIH of the device. This is a function of the bus
pullup resistor, devices and parasitic capacitance of the trace or cable. The parameters must be characterized for the application.
8.7 Security Engine Characteristics
Over free-air temperature range and VDD = 1.7 V to 5.5 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
tHASH_DATA
Computation time for SHA-256 hash calculation for data size of 8 bytes
380
µs
tDECOMMISSION
Time for decommission of the device
78
130
ms
IDD_HASH
Hash computation current
360
µA
8.8 EEPROM Characteristics
Over free-air temperature range and VDD = 1.7 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25°C
and VDD = 3.3 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
tPROG
Programming time for 8-byte data word in user EEPROM
13.2
21
ms
Programming time for register copy to EEPROM
26.4
42
ms
tREADIDLE
Idle bus time for EEPROM 8-byte data read
560
µs
IDD_PROG
Programming current
178
230
µA
Data Retention
at TA = 125°C
25
years
at TA = 150°C
10
years
Program Endurance
at TA = 125°C
20000
200000
cycles
at TA = 150°C
1000
10000
cycles
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com