Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 38Page - Texas Instruments TMP1827 Datasheet HTML 39Page - Texas Instruments TMP1827 Datasheet HTML 40Page - Texas Instruments TMP1827 Datasheet HTML 41Page - Texas Instruments TMP1827 Datasheet HTML 42Page - Texas Instruments TMP1827 Datasheet HTML 43Page - Texas Instruments TMP1827 Datasheet HTML 44Page - Texas Instruments TMP1827 Datasheet HTML 45Page - Texas Instruments TMP1827 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
9.6 Register Map
Table 9-12. Register Map
SCRATCHPAD-1
BYTE
TYPE
RESET
REGISTER NAME
REGISTER DESCRIPTION
SECTION
00h
RO
00h
TEMP_RESULT_L
Temperature result LSB register
Go
01h
RO
00h
TEMP_RESULT_H
Temperature result MSB register
Go
02h
RO
3xh
STATUS_REG
Status register
Go
03h
RO
FFh
Reserved
Reserved
04h
R/W
70h
CONFIG_REG1
Device Configuration-1 register
Go
05h
R/W
80h
CONFIG_REG2
Device Configuration-2 register
Go
06h
R/W
00h
SHORT_ADDR
Short address register
Go
07h
RO
FFh
Reserved
Reserved
08h
R/W
00h
TEMP_ALERT_LOW_L
Temperature alert low limit LSB
Go
09h
R/W
00h
TEMP_ALERT_LOW_H
Temperature alert low limit MSB
Go
0Ah
R/W
F0h
TEMP_ALERT_HIGH_L
Temperature alert high limit LSB
Go
0Bh
R/W
07h
TEMP_ALERT_HIGH_H
Temperature alert high limit MSB
Go
0Ch
R/W
00h
TEMP_OFFSET_L
Temperature offset LSB register
Go
0Dh
R/W
00h
TEMP_OFFSET_H
Temperature offset MSB register
Go
0Eh
RO
FFh
Reserved
Reserved
0Fh
RO
FFh
Reserved
Reserved
—
RO
F0h
IO_READ
IO read register
Go
—
WO
00h
IO_CONFIG
IO configuration register
Go
Table 9-13. Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
C
Read
to Clear
R-0
R
-0
Read
Returns 0s
Write Type
W
W
Write
W0CP
W
0C
P
W
0 to clear
Requires privileged access
Reset or Default Value
-n
Value after reset or the default
value
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
www.ti.com
42
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com