Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 17Page - Texas Instruments TMP1827 Datasheet HTML 18Page - Texas Instruments TMP1827 Datasheet HTML 19Page - Texas Instruments TMP1827 Datasheet HTML 20Page - Texas Instruments TMP1827 Datasheet HTML 21Page - Texas Instruments TMP1827 Datasheet HTML 22Page - Texas Instruments TMP1827 Datasheet HTML 23Page - Texas Instruments TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Page 7
Block 3
Block 0
Block 1
Block 2
00FFh
00E0h
00E0h – 00E7h
00E8h – 00EFh
00F0h – 00F7h
00F8h – 00FFh
Page 6
Block 3
Block 0
Block 1
Block 2
00DFh
00C0h
00C0h – 00C7h
00C8h – 00CFh
00D0h – 00D7h
00D8h – 00DFh
00A0h – 00A7h
00BFh
00A0h
Page 5
Block 3
Block 0
Block 1
Block 2
00A8h – 00AFh
00B0h – 00B7h
00B8h – 00CFh
0080h – 0087h
009Fh
0080h
Page 4
Block 3
Block 0
Block 1
Block 2
0088h – 008Fh
0090h – 0097h
0098h – 009Fh
0060h – 0067h
007Fh
0060h
Page 3
Block 3
Block 0
Block 1
Block 2
0068h – 006Fh
0070h – 0077h
0078h – 007Fh
0040h – 0047h
005Fh
0040h
Page 2
Block 3
Block 0
Block 1
Block 2
0048h – 004Fh
0050h – 0057h
0058h – 005Fh
0020h – 0027h
003Fh
0020h
Page 1
Block 3
Block 0
Block 1
Block 2
0028h – 002Fh
0030h – 0037h
0038h – 003Fh
0000h – 0007h
001Fh
0000h
Page 0
Block 3
Block 0
Block 1
Block 2
0008h – 000Fh
0010h – 0017h
0018h – 001Fh
Figure 9-9. Address to EEPROM Page and Block Map
Note
The device shall return "1" for any device read if the address is outside the user memory map.
9.3.12 SHA-256-HMAC Authentication Block
The authentication block on the TMP1827 device uses a keyed-hash message authentication code (HMAC)
which is FIPS PUB-198-1 compliant SHA-256 hash implementation. The SHA-256 implementation itself is FIPS
PUB-180-4 compliant. The HMAC engine does not encrypt the data, but generates a 256-bit hash based on the
user programmed keys.
For details on SHA-256-HMAC authentication block, refer to the TMP1827 Security Programming Guide.
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com