Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 3 Page - Texas Instruments

  TMP1827 Datasheet HTML 1Page - Texas Instruments TMP1827 Datasheet HTML 2Page - Texas Instruments TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
5 Description (cont.)
The TMP1827 implements the SHA-256-HMAC authentication engine along with key storage, for system
authentication requirements of an end equipment. The 2Kb EEPROM on the device allows the host application
to store application specific content in block sizes of 64-bit. The memory can be write protected in page size
of 256-bits to avoid accidental data overwrite. The memory architecture enables application to optimize the bus
bandwidth when updating variables which are only few bytes while providing an optimal memory size for write
protection. The device also features mechanism for host authentication by means of authenticated memory write
operations.
6 Device Comparison
Table 6-1. Device Comparison
FEATURE
TMP1826
TMP1827
TMP1827N(1)
Best Accuracy
0.2°C
0.2°C
0.9°C
Temperature Range
–55°C to +150°C
–55°C to +150°C
–55°C to +150°C
Memory Size
2Kb
2Kb
2Kb
Memory Write protection
Yes
Yes
Yes
Authenticated Memory Write
-
Yes
Yes
Authentication type
-
SHA-256-HMAC
SHA-256-HMAC
Bus speeds
Standard and Overdrive
Standard and Overdrive
Standard and Overdrive
Drop in replacement package
NGR (2.5 mm × 2.5 mm, WSON) NGR (2.5 mm × 2.5 mm, WSON) NGR (2.5 mm × 2.5 mm, WSON)
Alternate package
DGK (3.0 mm × 4.9 mm, VSSOP)
-
-
(1)
TMP1827N is an orderable option for the TMP1827. See the orderable addendum at the end of the data sheet.
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com