Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 45Page - Texas Instruments TMP1827 Datasheet HTML 46Page - Texas Instruments TMP1827 Datasheet HTML 47Page - Texas Instruments TMP1827 Datasheet HTML 48Page - Texas Instruments TMP1827 Datasheet HTML 49Page - Texas Instruments TMP1827 Datasheet HTML 50Page - Texas Instruments TMP1827 Datasheet HTML 51Page - Texas Instruments TMP1827 Datasheet HTML 52Page - Texas Instruments TMP1827 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
9.6.9 Temperature Alert High LSB Register (Scratchpad-1 offset = 0Ah) [reset = F0h]
This register provides the LSB for the high temperature alert threshold to compare with the latest temperature
conversion result. The register on the first power up has the alert threshold set in legacy format. If there is
a change of format, then the application must update the register in the new format. If the latest temperature
conversion result is more than the threshold set, then the device shall update the alert high status flag in the
status register, respond with the status bit flagged for an alert during the ALERTSEARCH command, and set the
alert pin low if the device is in VDD powered mode.
The factory state format for the register is legacy mode. The host can store the updated setting to the
configuration EEPROM using the COPY SCRATCHPAD-1 function command. At power-on reset, the register
setting is automatically restored from the configuration EEPROM.
Return to Register Map.
Figure 9-32. Temperature Alert High LSB Register
7
6
5
4
3
2
1
0
ALERT_HIGH[7:0]
RW-F0h
Table 9-23. Temperature Alert High LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_HIGH[7:0]
RW
F0h
Stores the LSB of the alert high limit for comparison with the last
temperature conversion result
9.6.10 Temperature Alert High MSB Register (Scratchpad-1 offset = 0Bh) [reset = 07h]
This register provides the MSB for the high temperature alert threshold to compare with the latest temperature
conversion result. The register on the first power up has the alert threshold set in legacy format. If there is
a change of format, then the application must update the register in the new format. If the latest temperature
conversion result is more than the threshold set, then the device shall update the alert high status flag in the
status register, respond with the status bit flagged for an alert during the ALERTSEARCH command, and set the
alert pin low if the device is in VDD powered mode.
The factory state format for the register is legacy mode. The host can store the updated setting to the
configuration EEPROM using the COPY SCRATCHPAD-1 function command. At power-on reset, the register
setting is automatically restored from the configuration EEPROM.
Return to Register Map.
Figure 9-33. Temperature Alert High MSB Register
7
6
5
4
3
2
1
0
ALERT_HIGH[15:8]
RW-07h
Table 9-24. Temperature Alert High MSB Register Field Description
Bit
Field
Type
Reset
Description
7:0
ALERT_HIGH[15:8]
RW
07h
Stores the MSB of the alert high limit for comparison with the
last temperature conversion result
www.ti.com
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com