Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 18Page - Texas Instruments TMP1827 Datasheet HTML 19Page - Texas Instruments TMP1827 Datasheet HTML 20Page - Texas Instruments TMP1827 Datasheet HTML 21Page - Texas Instruments TMP1827 Datasheet HTML 22Page - Texas Instruments TMP1827 Datasheet HTML 23Page - Texas Instruments TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
9.3.13 Bit Communication
The 1-Wire interface communication does not have a reference clock, therefore all communication is performed
asynchronously with fixed time slot (tSLOT) and variable pulse width to indicate logic '0' and '1'. In idle state, the
external pullup resistor holds the line high. All bit communication, whether it is a write or a read, are initiated by
the host by driving the data line low to generate a falling edge and the bit value is decoded as the time for which
the data line is held low or high after the falling edge.
Even though the communication is one bit at a time, the data exchanged between the host and device is
performed at byte boundary. Every byte is sent least significant bit first. The device behavior is not ensured when
incomplete bytes are sent.
9.3.13.1 Host Write, Device Read
A host write is the means by which the host sends the command, function, and data to the devices. A host write
starts by the host driving the data line low as shown in Figure 9-10. If the host intends to transmit a logic '1', the
line is released after tWR1L time. If the host intends to transmit a logic '0', the line is released after tWR0L. After
releasing the data, the pullup resistor causes the line to become high till the beginning of the next time slot. The
device samples the line after tRDV has elapsed from the falling edge, for a time frame indicated by tDSW. The host
must factor the rise time due to the pullup resistor and bus capacitance to determine the release of the data line
before the line is sampled by the device and the host drives the next write bit time slot.
VIL
VIH
VDD/VPUR
tWR1L
Host Write-1
tRDV
tDSW
VIL
VIH
tSLOT
tWR0L
Host Write-0
tRDV
tDSW
tREC
tSLOT
tREC
Host drives SDQ
High Impedance, external pullup
VDD/VPUR
Figure 9-10. Host Write, Device Read
9.3.13.2 Host Read, Device Write
A host read is the means by which the hosts gets the data from the device or the CRC for data integrity check. A
host read starts by the host driving the data line low as shown in Figure 9-11. When the device detects the falling
edge, the device can drive the line low before the time tRL. The host can release the bus from the side after the
time tRL(MIN) elapses. If the device intends to transmit a logic '1', then the bus is released before tRL(MAX) elapses.
If the device intends to transmit a logic '0', then the bus is released after tSLOT(MIN). The host must sample the
line after the time tRWAIT, for a time frame indicated by tMSW. The host must factor the rise time due to the pullup
resistor and bus capacitance to determine the sampling window for the host to sample the bit level sent by the
device or to drive the next read bit time slot.
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com