Electronic Components Datasheet Search
  English  ▼

X  

TMP1827 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 2Page - Texas Instruments TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments TMP1827 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
Over free-air temperature range and VDD = 1.7 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25°C
and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDQ DIGITAL INPUT/OUTPUT
CIN
SDQ pin capacitance
40
pF
VIL
Input logic low level(3)
–0.3
0.2 × VS
V
VIH
Input logic high level(3)
0.8 × VS
VS + 0.3
V
VHYST
Hysteresis
0.3
V
VOL
Output low level
IOL = –4 mA
0.4
V
IO CHARACTERISTICS
CIN
Input capacitance
10
pF
VIL
Input logic low level(3)
–0.3
0.3 × VS
V
VIH
Input logic high level(3)
0.7 × VS
VS + 0.3
V
IIN
Input leakage current
0
±0.12
µA
VOL
Output low level
IOL = –3 mA
0.4
V
RESISTOR ADDRESS DECODER CHARACTERISTICS
CLOAD
Load capacitance as seen
on ADDR pin (includes PCB
parasitics)
100
pF
RADDR resistor range
6.49
54.9
kΩ
RADDR resistor tolerance
TA = 25°C
–1.0
1.0
%
RADDR resistor temperature
coefficient
–100
100 ppm/°C
RADDR resistor lifetime drift
–0.2
0.2
%
tRESDET
Resistor decoding time
2.8
ms
POWER SUPPLY
IPU
Pullup current(5)
Bus powered mode, serial bus idle
400
μA
IDD_ACTIVE
Supply current during
temperature conversion
Temperature Conversion, serial bus idle
94
154
μA
IDD_SB
Standby current(4)
VDD powered, serial
bus inactive, continuous
conversion mode
TA = -55°C to 85°C
1.6
4.2
μA
TA = -55°C to 150°C
24
IDD_SD
Shutdown current
Serial bus inactive, one
shot conversion mode
TA = -55°C to 85°C
1.3
3.3
μA
TA = -55°C to 150°C
23.2
VPOR
Power-on reset threshold
voltage
Supply rising (Figure 8-4, Figure 8-5)
1.5
V
Brownout detect
Supply falling
1.3
V
tINIT
POR Initialization Time
Time required by device to reset after power up
(Figure 8-4, Figure 8-5)
2.0
ms
(1)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
See Figure 8-11
(2)
Long term stability is determined using accelerated operational life testing at a junction temperature of 150°C.
(3)
In bus powered mode VS = VPUR. In supply powered mode VS = VDD.
(4)
Quiescent current between conversions.
(5)
The pullup current parameter is required to size the bus pullup resistor (See Section 9.3.3) for active temperature conversion or
EEPROM read and program or authentication operations.
8.6 1-Wire Interface Timing
Over free-air temperature range and VDD = 1.70 V to 5.5 V (unless otherwise noted)
STANDARD MODE
OVERDRIVE MODE
UNIT
MIN
MAX
MIN
MAX
BUS RESET AND BIT SLOT TIMING
TMP1827
SBOSA15A – SEPTEMBER 2022 – REVISED MAY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com