Electronic Components Datasheet Search
  English  ▼

X  

BLW85 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW85
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW85 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW85 Datasheet HTML 2Page - NXP Semiconductors BLW85 Datasheet HTML 3Page - NXP Semiconductors BLW85 Datasheet HTML 4Page - NXP Semiconductors BLW85 Datasheet HTML 5Page - NXP Semiconductors BLW85 Datasheet HTML 6Page - NXP Semiconductors BLW85 Datasheet HTML 7Page - NXP Semiconductors BLW85 Datasheet HTML 8Page - NXP Semiconductors BLW85 Datasheet HTML 9Page - NXP Semiconductors BLW85 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
March 1993
6
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW85
APPLICATION INFORMATION
R.F. performance in c.w. operation (unneutralized common-emitter class-B circuit); Th =25 °C
List of components:
f (MHz)
VCE (V)
PL (W)
PS (W)
Gp (dB)
IC (A)
η (%)
zi (Ω)
ZL (Ω)
175
12,5
45
< 16
> 4,5
< 4,8
> 75
1,4
+ j1,5
2,7
− j1,3
175
13,5
45
−
typ. 6,0
−
typ. 75
−−
C1
=
2,5 to 20 pF film dielectric trimmer (cat. no. 2222 809 07004)
C2
=
C8 = 4 to 40 pF film dielectric trimmer (cat. no. 2222 809 07008)
C3a =
C3b = 47 pF ceramic capacitor (500 V)
C4
=
120 pF ceramic capacitor (500 V)
C5
=
100 nF polyester capacitor
C6a =
C6b = 8,2 pF ceramic capacitor (500 V)
C7
=
5 to 60 pF film dielectric trimmer (cat. no. 2222 809 07011)
L1
=
1 turn Cu wire (1,6 mm); int. dia. 9,0 mm; leads 2
× 5 mm
L2
=
100 nH; 7 turns closely wound enamelled Cu wire (0,5 mm); int. dia. 3 mm; leads 2
× 5 mm
L3
=
L8 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L4
=
L5 = strip (12 mm
× 6 mm); taps for C3a and C3b at 5 mm from transistor
L6
=
2 turns enamelled Cu wire (1,6 mm); int. dia. 5,0 mm; length 6,0 mm; leads 2
× 5 mm
L7
=
2 turns enamelled Cu wire (1,6 mm); int. dia. 4,5 mm; length 6,0 mm; leads 2
× 5 mm
L4 and L5 are strips on a double Cu-clad printed-circuit board with epoxy fibre-glass dielectric, thickness 1/16".
R1
=
10
Ω (±10%) carbon resistor (0,25 W)
R2
=
4,7
Ω (±5%) carbon resistor (0,25 W)
Component layout and printed-circuit board for 175 MHz test circuit are shown in Fig.8.
Fig.7 Test circuit; c.w. class-B.
handbook, full pagewidth
C7
50
Ω
50
Ω
MGP604
,,
,,
,,
C1
C2
C3b
C3a
C6a
C4
C5
R2
L3
C6b
C8
L1
L2
L4
R1
L5
L7
T.U.T.
L6
L8
+VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com