Electronic Components Datasheet Search
  English  ▼

X  

BLW85 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLW85
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW85 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLW85 Datasheet HTML 1Page - NXP Semiconductors BLW85 Datasheet HTML 2Page - NXP Semiconductors BLW85 Datasheet HTML 3Page - NXP Semiconductors BLW85 Datasheet HTML 4Page - NXP Semiconductors BLW85 Datasheet HTML 5Page - NXP Semiconductors BLW85 Datasheet HTML 6Page - NXP Semiconductors BLW85 Datasheet HTML 7Page - NXP Semiconductors BLW85 Datasheet HTML 8Page - NXP Semiconductors BLW85 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
March 1993
3
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW85
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Collector-emitter voltage (VBE = 0)
peak value
VCESM
max.
36 V
Collector-emitter voltage (open base)
VCEO
max.
16 V
Emitter-base voltage (open-collector)
VEBO
max.
4 V
Collector current (average)
IC(AV)
max.
9 A
Collector current (peak value); f
> 1 MHz
ICM
max.
22 A
R.F. power dissipation up to (f
> 1 MHz); Tmb =25 °CPrf
max.
105 W
Storage temperature
Tstg
−65 to + 150 °C
Operating junction temperature
Tj
max.
200
°C
Fig.2 D.C. SOAR.
handbook, halfpage
10
1
MGP612
110
102
VCE (V)
IC
(A)
Th = 70 °C
Tmb = 25 °C
Fig.3 R.F. power dissipation; VCE ≤ 16,5 V; f ≥ 1 MHz.
handbook, halfpage
0
50
100
150
120
100
60
80
20
0
40
MGP613
Prf
(W)
Th (°C)
continuous
d.c. operation
derate by 0.43 W/K
continuous
r.f. operation
derate by
0.58 W/K
short-time
operation
during mismatch
THERMAL RESISTANCE
(dissipation = 30 W; Tmb =79 °C, i.e. Th =70 °C)
From junction to mounting base (d.c. dissipation)
Rth j-mb(dc)
=
2,5 K/W
From junction to mounting base (r.f. dissipation)
Rth j-mb(rf)
=
1,8 K/W
From mounting base to heatsink
Rth mb-h
=
0,3 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com