Electronic Components Datasheet Search
  English  ▼

X  

BLW85 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLW85
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW85 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLW85 Datasheet HTML 7Page - NXP Semiconductors BLW85 Datasheet HTML 8Page - NXP Semiconductors BLW85 Datasheet HTML 9Page - NXP Semiconductors BLW85 Datasheet HTML 10Page - NXP Semiconductors BLW85 Datasheet HTML 11Page - NXP Semiconductors BLW85 Datasheet HTML 12Page - NXP Semiconductors BLW85 Datasheet HTML 13Page - NXP Semiconductors BLW85 Datasheet HTML 14Page - NXP Semiconductors BLW85 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
March 1993
11
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW85
List of components:
TR1 =
TR2 = BD137
C1
=
100 pF air dielectric trimmer (single insulated rotor type)
C2
=
27 pF ceramic capacitor (500 V)
C3
=
180 pF polystyrene capacitor
C4
=
100 pF air dielectric trimmer (single non-insulated rotor type)
C5
=
C7 = 3,9 nF polyester capacitor
C6
=
2
× 270 pF polystyrene capacitors in parallel
C8
=
C15 = C16 = 100 nF polyester capacitor
C9
=
2,2
µF moulded metallized polyester capacitor
C10 =
2
× 385 pF (sections in parallel) film dielectric trimmer
C11
=
68 pF ceramic capacitor (500 V)
C12 =
2
× 82 pF ceramic capacitors in parallel (500 V)
C13 =
47 pF ceramic capacitor (500 V)
C14 =
385 pF film dielectric trimmer
L1
=
88 nH; 3 turns Cu wire (1,0 mm); int. dia. 9 mm; length 6,1 mm; leads 2
× 5 mm
L2
=
L5 = Ferroxcube choke coil (cat. no. 4312 020 36640)
L3
=
68 nH; 3 turns enamelled Cu wire (1,6 mm); int. dia. 8 mm; length 8,3 mm; leads 2
× 5 mm
L4
=
96 nH; 3 turns enamelled Cu wire (1,6 mm); int. dia. 10 mm; length 7,6 mm; leads 2
× 5 mm
R1
=
27
Ω (±5%) carbon resistor (0,5 W)
R2
=
4,7
Ω (±5%) carbon resistor (0,25 W)
R3
=
1,5 k
Ω (±5%) carbon resistor (0,5 W)
R4
=
10
Ω wirewound potentiometer (3 W)
R5
=
47
Ω wirewound resistor (5,5 W)
R6
=
150
Ω (±5%) carbon resistor (0,25 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com