Electronic Components Datasheet Search
  English  ▼

X  

BLW85 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW85
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW85 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW85 Datasheet HTML 4Page - NXP Semiconductors BLW85 Datasheet HTML 5Page - NXP Semiconductors BLW85 Datasheet HTML 6Page - NXP Semiconductors BLW85 Datasheet HTML 7Page - NXP Semiconductors BLW85 Datasheet HTML 8Page - NXP Semiconductors BLW85 Datasheet HTML 9Page - NXP Semiconductors BLW85 Datasheet HTML 10Page - NXP Semiconductors BLW85 Datasheet HTML 11Page - NXP Semiconductors BLW85 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
March 1993
8
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW85
Fig.9
Typical values; f = 175 MHz;
 VCE = 12,5 V; - - - VCE = 13,5 V.
handbook, halfpage
0
010
30
100
75
25
50
MGP617
20
PL
(W)
PS (W)
Th = 25 °C
Th = 70 °C
Fig.10 Typical values; f = 175 MHz ;Th =25 °C;
 VCE = 12,5 V; - - - VCE = 13,5 V.
handbook, halfpage
10
30
50
10
Gp
(dB)
0
5
100
η
(%)
0
50
MGP618
PL (W)
η
Gp
Fig.11 R.F. SOAR; (short-time operation during
mismatch); f = 175 MHz; Th = 70 °C;
Rth mb-h = 0,3 K/W ;
VCEnom = 12,5 V or 13,5 V; PS =PSnom at
VCEnom and VSWR =1 measured in the
circuit of Fig.7.
handbook, halfpage
1
1.1
1.2
1.3
60
50
PLnom
(W)
(VSWR = 1)
30
40
MGP619
20
50
VCE
VCEnom
VSWR =
4
10
5
PS
PSnom
The transistor has been developed for use with
unstabilized supply voltages. As the output power and
drive power increase with the supply voltage, the nominal
output power must be derated in accordance with the
graph for safe operation at supply voltages other than the
nominal. The graph shows the permissible output power
under nominal conditions (VSWR = 1), as a function of the
expected supply over-voltage ratio with VSWR as
parameter.
The graph applies to the situation in which the drive
(PS/PSnom) increases linearly with supply over-voltage
ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com