Electronic Components Datasheet Search
  English  ▼

X  

BLW85 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLW85
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW85 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLW85 Datasheet HTML 6Page - NXP Semiconductors BLW85 Datasheet HTML 7Page - NXP Semiconductors BLW85 Datasheet HTML 8Page - NXP Semiconductors BLW85 Datasheet HTML 9Page - NXP Semiconductors BLW85 Datasheet HTML 10Page - NXP Semiconductors BLW85 Datasheet HTML 11Page - NXP Semiconductors BLW85 Datasheet HTML 12Page - NXP Semiconductors BLW85 Datasheet HTML 13Page - NXP Semiconductors BLW85 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
March 1993
10
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW85
R.F. performance in s.s.b. class-AB operation
VCE = 12,5 V; Th up to 25 °C; Rth mb-h ≤ 0,3 K/W
f1 = 28,000 MHz; f2 = 28,001 Mhz
Note
1. Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
OUTPUT POWER
W
Gp
dB
ηdt
%
d3
dB(1)
d5
dB(1)
IC(ZS)
mA
3 to 30 (P.E.P.)
typ. 19,5
typ. 35
typ.
−33
typ.
−36
25
Fig.15 Test circuit; s.s.b. class-AB.
handbook, full pagewidth
MGP623
R3
R4
R5
R1
L2
C4
C3
L3
C12
C13
C14
C6
C5
L1
C2
C1
C7
L4
T.U.T.
C8
C10
C11
C9
R2
L5
+VB = 12.5 V
R6
TR2
bias
TR1
C16
C15
RL =
50
Ω
+VB = 12.5 V
RS =
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com