Electronic Components Datasheet Search
  English  ▼

X  

BLW85 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLW85
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW85 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLW85 Datasheet HTML 1Page - NXP Semiconductors BLW85 Datasheet HTML 2Page - NXP Semiconductors BLW85 Datasheet HTML 3Page - NXP Semiconductors BLW85 Datasheet HTML 4Page - NXP Semiconductors BLW85 Datasheet HTML 5Page - NXP Semiconductors BLW85 Datasheet HTML 6Page - NXP Semiconductors BLW85 Datasheet HTML 7Page - NXP Semiconductors BLW85 Datasheet HTML 8Page - NXP Semiconductors BLW85 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
March 1993
4
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW85
CHARACTERISTICS
Tj =25 °C
Note
1. Measured under pulse conditions: tp ≤ 200 µs; δ≤ 0,02.
Collector-emitter breakdown voltage
VBE = 0; IC = 50 mA
V(BR) CES
>
36 V
Collector-emitter breakdown voltage
open base; IC = 100 mA
V(BR) CEO
>
16 V
Emitter-base breakdown voltage
open collector; IE = 25 mA
V(BR)EBO
>
4V
Collector cut-off current
VBE = 0; VCE = 18 V
ICES
<
25 mA
Second breakdown energy; L = 25 mH; f = 50 Hz
open base
ESBO
>
8mJ
RBE =10 Ω
ESBR
>
8mJ
D.C. current gain(1)
typ.
50
IC = 4 A; VCE =5 V
hFE
10 to 80
D.C. current gain ratio of matched devices(1)
IC = 4 A; VCE =5 V
hFE1/hFE2
<
1,2
Collector-emitter saturation voltage(1)
IC = 12,5 A; IB = 2,5 A
VCEsat
typ.
1,5 V
Transition frequency at f = 100 MHz(1)
−IE =
4 A; VCB = 12,5 V
fT
typ.
650 MHz
−I
E = 12,5 A; VCB = 12,5 V
fT
typ.
600 MHz
Collector capacitance at f = 1 MHz
IE =Ie =0;VCB = 15 V
Cc
typ.
120 pF
Feedback capacitance at f = 1 MHz
IC = 200 mA; VCE = 15 V
Cre
typ.
82 pF
Collector-flange capacitance
Ccf
typ.
2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com