Electronic Components Datasheet Search
  English  ▼

X  

SLG47502V Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SLG47502V Datasheet HTML 25Page - Renesas Technology Corp SLG47502V Datasheet HTML 26Page - Renesas Technology Corp SLG47502V Datasheet HTML 27Page - Renesas Technology Corp SLG47502V Datasheet HTML 28Page - Renesas Technology Corp SLG47502V Datasheet HTML 29Page - Renesas Technology Corp SLG47502V Datasheet HTML 30Page - Renesas Technology Corp SLG47502V Datasheet HTML 31Page - Renesas Technology Corp SLG47502V Datasheet HTML 32Page - Renesas Technology Corp SLG47502V Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
29 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
5.6 GPIO WITH I2C MODE IO STRUCTURE
5.6.1 GPIO with I2C Mode Structure (for GPIO0 and GPIO1)
Figure 4: GPIO with I2C Mode IO Structure Diagram
2 k
Ω
(Note 3)
LV_EN
WOSMT_EN
Digital In
Analog IO
Non-Schmitt
Trigger Input
Low Voltage
Input
VDD
GPIO0, GPIO1 Mode [2:0]
00: Digital Input without Schmitt Trigger
01: Digital Input with Schmitt Trigger
10: Low Voltage Digital Input
11: Reserved
Note 1: OE cannot be selected by user and
is controlled by register. Digital In is Matrix input.
Note 2: GPIO0 and GPIO1 do not support
Push-Pull and PMOS Open-Drain modes.
Note 3: Can be varied over PVT, for reference
only.
PAD
OE
OE
Digital OUT
I
2C_EN register [31]
s0
s1
s2
s3
900 k
Ω
90 k
Ω
8 k
Ω
Floating
s1
s0
Pull-up_EN
Res_sel [1:0]
00: Floating
01: 10 k
Ω
10: 100 k
Ω
11: 1 M
Ω
Digital OUT
I
2C_EN register [31]
FAST_MODE_EN register [1312]/[1328]
I
2C_EN register [31]
GPIO0/1_OD_EN register [1313]/[1329]
SMT_EN
Schmitt
Trigger Input
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com