Electronic Components Datasheet Search
  English  ▼

X  

SLG47502V Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SLG47502V Datasheet HTML 16Page - Renesas Technology Corp SLG47502V Datasheet HTML 17Page - Renesas Technology Corp SLG47502V Datasheet HTML 18Page - Renesas Technology Corp SLG47502V Datasheet HTML 19Page - Renesas Technology Corp SLG47502V Datasheet HTML 20Page - Renesas Technology Corp SLG47502V Datasheet HTML 21Page - Renesas Technology Corp SLG47502V Datasheet HTML 22Page - Renesas Technology Corp SLG47502V Datasheet HTML 23Page - Renesas Technology Corp SLG47502V Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
20 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
tpd
Delay
Digital Input with Schmitt Trigger
to PP 1x
18
18
12
12
8
8
7
7
ns
tpd
Delay
Low Voltage Digital Input to
PP 1x
18
18
12
12
8
8
7
7
ns
tpd
Delay
Digital input to NMOS 1x
--
18
--
12
--
8
--
7
ns
tpd
Delay
Digital input to NMOS 2x
--
18
--
12
--
8
--
7
ns
tpd
Delay
Output enable from Pin,
OE Hi-Z to 1
19
--
12
--
10
--
9
--
ns
tpd
Delay
Output enable from Pin,
OE Hi-Z to 0
--
19
--
12
--
10
--
9
ns
tpd
Delay
PP 1x 3 State Hi-Z to 1
19
--
12
--
10
--
9
--
ns
tpd
Delay
PP 1x 3 State Hi-Z to 0
--
19
--
12
--
10
--
9
ns
tpd
Delay
PP 2x 3 State Hi-Z to 1
19
--
11
--
10
--
9
--
ns
tpd
Delay
PP 2x 3 State Hi-Z to 0
--
19
--
11
--
10
--
9
ns
tpd
Delay
LATCH Q
13
13
8
8
5
5
4
4
ns
tpd
Delay
LATCH nQ
13
13
8
8
5
5
4
4
ns
tpd
Delay
LATCH nRESET High Q
13
13
8
8
5
5
4
4
ns
tpd
Delay
LATCH nRESET High nQ
13
13
8
8
5
5
4
4
ns
tpd
Delay
LATCH nRESET Low Q
13
13
8
8
5
5
4
4
ns
tpd
Delay
LATCH nRESET Low nQ
13
13
8
8
5
5
4
4
ns
tpd
Delay
LATCH nSET High Q
13
13
8
8
5
5
4
4
ns
tpd
Delay
LATCH nSET High nQ
13
13
8
8
5
5
4
4
ns
tpd
Delay
LATCH nSET Low Q
14
13
10
10
6
6
4
4
ns
tpd
Delay
LATCH nSET Low nQ
14
13
10
9
6
6
4
4
ns
tpd
Delay
Multi-Function LATCH Q
13
13
9
9
6
6
4
4
ns
tpd
Delay
Multi-Function LATCH nQ
13
13
9
9
6
6
4
4
ns
tpd
Delay
Multi-Function LATCH
nRESET Q
13
13
9
9
6
6
4
4
ns
tpd
Delay
Multi-Function LATCH
nRESET nQ
13
13
9
9
6
6
4
4
ns
tpd
Delay
Multi-Function LATCH nSET Q
13
13
9
9
6
6
4
4
ns
tpd
Delay
Multi-Function LATCH nSET nQ
13
13
9
9
6
6
4
4
ns
tpd
Delay
2-bit LUT
13
13
6
6
6
6
4
4
ns
tpd
Delay
3-bit LUT
13
13
9
8
6
6
4
4
ns
tpd
Delay
4-bit LUT
13
13
8
8
6
6
4
4
ns
tpd
Delay
Multi-Function 3-bit LUT
13
13
9
9
6
6
4
4
ns
tpd
Delay
Multi-Function 3-bit LUT,
CNT Delay
13
13
9
9
6
6
4
4
ns
tpd
Delay
Multi-Function 4-bit LUT
13
13
9
9
6
6
4
4
ns
tpd
Delay
Multi-Function 4-bit LUT,
CNT Delay
13
13
9
9
6
6
4
4
ns
tpd
Delay
Edge detect
10
10
5
5
4
4
3
3
ns
Table 12: Typical Delay Estimated for Each Macrocell at T = 25 °C(Continued)
ParameterDescriptionNote
VDD = 1.0 V
VDD = 1.2 V
VDD = 1.5 V
VDD = 1.65 V
Unit
Rising Falling Rising Falling Rising Falling Rising Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com