Electronic Components Datasheet Search
  English  ▼

X  

SLG47502V Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SLG47502V Datasheet HTML 14Page - Renesas Technology Corp SLG47502V Datasheet HTML 15Page - Renesas Technology Corp SLG47502V Datasheet HTML 16Page - Renesas Technology Corp SLG47502V Datasheet HTML 17Page - Renesas Technology Corp SLG47502V Datasheet HTML 18Page - Renesas Technology Corp SLG47502V Datasheet HTML 19Page - Renesas Technology Corp SLG47502V Datasheet HTML 20Page - Renesas Technology Corp SLG47502V Datasheet HTML 21Page - Renesas Technology Corp SLG47502V Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
18 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
tVD_ACK
Data Valid Acknowledge Time
--
900
ns
tBUF
Bus Free Time between Stop and Start
1300
--
ns
tHD_STA
Start Hold Time
600
--
ns
tSU_STA
Start Set-up Time
600
--
ns
tHD_DAT
Data Hold Time (Note 1)
200
--
ns
tSU_DAT
Data Set-up Time (Note 1)
223
--
ns
tR
Inputs Rise Time
--
300
ns
tF
Inputs Fall Time
--
300
ns
tSU_STO
Stop Set-up Time
600
--
ns
tVD_DAT
Data Valid Time
--
900
ns
Note 1 Does not meet standard I2C specifications: tHD_DAT = 0 ns (min), tSU_DAT = 100 ns (min).
Note 2 Timing diagram can be found in Figure 99.
Table 10: I2C Pins Timing Characteristics for DILV Mode, T = -40 °C to +85 °C, Full VDD Range Unless Otherwise Noted
Parameter
Description
Condition
Speed
Unit
400 kHz
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com