Electronic Components Datasheet Search
  English  ▼

X  

SLG47502V Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button SLG47502V Datasheet HTML 90Page - Renesas Technology Corp SLG47502V Datasheet HTML 91Page - Renesas Technology Corp SLG47502V Datasheet HTML 92Page - Renesas Technology Corp SLG47502V Datasheet HTML 93Page - Renesas Technology Corp SLG47502V Datasheet HTML 94Page - Renesas Technology Corp SLG47502V Datasheet HTML 95Page - Renesas Technology Corp SLG47502V Datasheet HTML 96Page - Renesas Technology Corp SLG47502V Datasheet HTML 97Page - Renesas Technology Corp SLG47502V Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
94 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
9.3 ACMP TYPICAL PERFORMANCE
Figure 75: Typical Propagation Delay vs. Vref for ACMPxH at T = 25 °C, Gain = 1, Hysteresis = 0, VDD = 1.0 V to 1.65 V
Figure 76: ACMPxH Input Offset Voltage vs. Vref at T = -40 °C to 85 °C, VDD = 1.0 V to 1.65 V
0
0.5
1
1.5
2
2.5
3
25
250
425
650
850
Vref (mV)
High To Low, Overdrive = 10 mV
Low to High, Overdrive = 10 mV
High to Low, Overdrive = 100 mV
Low to High, Overdrive = 100 mV
-8
-6
-4
-2
0
2
4
6
8
25
250
425
650
850
Vref (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com