Electronic Components Datasheet Search
  English  ▼

X  

SLG47502V Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # SLG47502V
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47502V Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button SLG47502V Datasheet HTML 8Page - Renesas Technology Corp SLG47502V Datasheet HTML 9Page - Renesas Technology Corp SLG47502V Datasheet HTML 10Page - Renesas Technology Corp SLG47502V Datasheet HTML 11Page - Renesas Technology Corp SLG47502V Datasheet HTML 12Page - Renesas Technology Corp SLG47502V Datasheet HTML 13Page - Renesas Technology Corp SLG47502V Datasheet HTML 14Page - Renesas Technology Corp SLG47502V Datasheet HTML 15Page - Renesas Technology Corp SLG47502V Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 192 page
background image
Datasheet
28-Feb-2023
CFR0011-120-00
Revision 2.3
12 of 194
© 2023 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
--
14
GPIO10
GPIO10
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x)
(2x)
Digital Input
with Schmitt Trigger
Open-Drain
NMOS
(1x) (2x)
Low Voltage Digital Input
--
--
15
GPIO11
GPIO11
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x)
(2x)
Digital Input
with Schmitt Trigger
Open-Drain
NMOS
(1x) (2x)
Low Voltage Digital Input
--
--
16
GPIO12
GPIO12
General Purpose IO
with OE (Note 1)
Digital Input
without Schmitt Trigger
Push-Pull (1x)
(2x)
Digital Input
with Schmitt Trigger
Open-Drain
NMOS
(1x) (2x)
Low Voltage Digital Input
--
Note 1 General Purpose IO's with OE can be used to implement bidirectional signals under user control via
Connection Matrix to OE signal in IO structure or as a 3-state output.
Table 2: Pin Type Definitions
Pin Type
Description
VDD
Power Supply
GPI
General Purpose Input
GPIO
General Purpose Input/Output
GND
Ground
Table 1: Functional Pin Description (Continued)
Pin #
Pin
Name
Signal
Name
Function
Input
Options
Output
Options
STQFN-12L
MSTQFN-16L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com