Electronic Components Datasheet Search
  English  ▼

X  

AD9461 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 1 Page - Analog Devices

  AD9461 Datasheet HTML 1Page - Analog Devices AD9461 Datasheet HTML 2Page - Analog Devices AD9461 Datasheet HTML 3Page - Analog Devices AD9461 Datasheet HTML 4Page - Analog Devices AD9461 Datasheet HTML 5Page - Analog Devices AD9461 Datasheet HTML 6Page - Analog Devices AD9461 Datasheet HTML 7Page - Analog Devices AD9461 Datasheet HTML 8Page - Analog Devices AD9461 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Bit, 130 MSPS IF Sampling ADC
AD9461
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
130 MSPS guaranteed sampling rate
78.7 dBFS SNR/90 dBc SFDR with 10 MHz input
(3.4 V p-p input, 130 MSPS)
77.7 dBFS SNR with 170.3 MHz input
(4.0 V p-p input, 130 MSPS)
77.0 dBFS SNR/84 dBc SFDR with 170 MHz input
(3.4 V p-p input, 130 MSPS)
76.3 dBFS SNR/86 dBc SFDR with 225 MHz input
(3.4 V p-p input, 125 MSPS)
89 dBFS two-tone SFDR with 169 MHz and 170 MHz
(130 MSPS)
60 fsec rms jitter
Excellent linearity
DNL = ±0.6 LSB typical
INL = ±5.0 LSB typical
2.0 V p-p to 4.0 V p-p differential full-scale input
Buffered analog inputs
LVDS outputs (ANSI-644 compatible) or CMOS outputs
Data format select (offset binary or twos complement)
Output clock available
FUNCTIONAL BLOCK DIAGRAM
CMOS
OR
LVDS
OUTPUT
STAGING
CLOCK
AND TIMING
MANAGEMENT
AGND
DRGND DRVDD
VREF
CLK+
VIN+
AD9461
VIN–
CLK–
DCO
AVDD1 AVDD2
DCS MODE
DFS
OUTPUT MODE
T/H
BUFFER
16
PIPELINE
ADC
2
32
2
OR
D15 TO D0
REF
REFB
SENSE REFT
Figure 1.
APPLICATIONS
MRI receivers
Multicarrier, multimode, cellular receivers
Antenna array positioning
Power amplifier linearization
Broadband wireless
Radar
Infrared imaging
Communications instrumentation
GENERAL DESCRIPTION
The AD9461 is a 16-bit, monolithic, sampling, analog-to-digital
converter (ADC) with an on-chip track-and-hold circuit. It is
optimized for performance, small size, and ease of use. The
AD9461 operates up to 130 MSPS, providing a superior signal-
to-noise ratio (SNR) for instrumentation, medical imaging, and
radar receivers using baseband (<100 MHz) and IF frequencies.
The ADC requires 3.3 V and 5.0 V power supplies and a low
voltage differential input clock for full performance operation.
No external reference or driver components are required for
many applications. Data outputs are CMOS or LVDS compatible
(ANSI-644 compatible) and include the means to reduce the
overall current needed for short trace distances.
Optional features allow users to implement various selectable
operating conditions, including input range, data format select,
and output data mode.
The AD9461 is available in a Pb-free, 100-lead, surface-mount,
plastic package (100-lead TQFP_EP) specified over the industrial
temperature range −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
True 16-bit linearity.
2.
High performance: outstanding SNR performance for
baseband IFs in data acquisition, instrumentation,
magnetic resonance imaging, and radar receivers.
3.
Ease of use: on-chip reference and high input impedance
track-and-hold with adjustable analog input range and an
output clock simplifies data capture.
4.
Packaged in a Pb-free, 100-lead TQFP_EP.
5.
Clock duty cycle stabilizer (DCS) maintains overall ADC
performance over a wide range of clock pulse widths.
6.
Out-of-range (OR) outputs indicate when the signal is
beyond the selected input range.


Similar Part No. - AD9461

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9461 AD-AD9461 Datasheet
703Kb / 29P
16-Bit, 130 MSPS IF Sampling ADC
Rev. 0
AD9461-130EB-BB AD-AD9461-130EB-BB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9461-130EB-IF AD-AD9461-130EB-IF Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9461-LVDS/PCB AD-AD9461-LVDS/PCB Datasheet
703Kb / 29P
16-Bit, 130 MSPS IF Sampling ADC
Rev. 0
AD9461BSVZ AD-AD9461BSVZ Datasheet
703Kb / 29P
16-Bit, 130 MSPS IF Sampling ADC
Rev. 0
More results

Similar Description - AD9461

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9445 AD-AD9445 Datasheet
965Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
10/05-Revision 0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9461 AD-AD9461_15 Datasheet
820Kb / 28P
16-Bit, 130 MSPS IF Sampling ADC
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
16-Bit, 130 MSPS IF Sampling ADC
Rev. 0
AD9433 AD-AD9433_17 Datasheet
433Kb / 21P
IF Sampling ADC
Rev. A
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
65Msps, 12-Bit, IF Sampling ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com