Electronic Components Datasheet Search
  English  ▼

X  

AD9461 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9461 Datasheet HTML 20Page - Analog Devices AD9461 Datasheet HTML 21Page - Analog Devices AD9461 Datasheet HTML 22Page - Analog Devices AD9461 Datasheet HTML 23Page - Analog Devices AD9461 Datasheet HTML 24Page - Analog Devices AD9461 Datasheet HTML 25Page - Analog Devices AD9461 Datasheet HTML 26Page - Analog Devices AD9461 Datasheet HTML 27Page - Analog Devices AD9461 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD9461
Rev. 0 | Page 24 of 28
C96
0.1µF
C97
0.1µF
C84
0.1µF
C46
0.1µF
C22
0.1µF
C59
0.1µF
C93
DNP
C94
0.1µF
C95
0.1µF
5V
GND
DNP = DO NOT POPULATE
C60
0.1µF
C10
0.1µF
C61
DNP
C75
DNP
C27
0.1µF
C90
0.1µF
C50
0.1µF
C30
0.01µF
C28
0.1µF
C35
0.1µF
C32
0.1µF
VCC
BYPASS CAPACITORS
GND
C31
DNP
C38
0.1µF
C29
DNP
C19
DNP
C17
DNP
C16
DNP
C15
0.1µF
C11
0.1µF
C14
DNP
VCC
GND
C37
DNP
C48
0.1µF
C18
0.1µF
C53
0.1µF
C52
0.1µF
C58
0.01µF
C56
10µF
+
C85
0.1µF
5V
GND
C110
DNP
C108
DNP
C109
DNP
C72
DNP
C73
DNP
5V
GND
C21
0.1µF
C20
0.1µF
C65
10µF
+
C47
0.1µF
C23
0.1µF
DRVDD
DRGND
C64
10µF
+
C43
0.1µF
C45
DNP
C49
DNP
C69
DNP
C70
DNP
DRVDD
DRGND
C55
10µF
DNP
+
EXTREF
GND
Figure 37. Evaluation Board Schematic, Bypass Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com