Electronic Components Datasheet Search
  English  ▼

X  

AD9461 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9461 Datasheet HTML 10Page - Analog Devices AD9461 Datasheet HTML 11Page - Analog Devices AD9461 Datasheet HTML 12Page - Analog Devices AD9461 Datasheet HTML 13Page - Analog Devices AD9461 Datasheet HTML 14Page - Analog Devices AD9461 Datasheet HTML 15Page - Analog Devices AD9461 Datasheet HTML 16Page - Analog Devices AD9461 Datasheet HTML 17Page - Analog Devices AD9461 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD9461
Rev. 0 | Page 14 of 28
120
100
80
60
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT AMPLITUDE (dB)
SFDR dBFS
SFDR dBc
SNR dBFS
SNR dB
Figure 18. 130 MSPS,170.3 MHz SNR/SFDR vs. Analog Input Amplitude
95
90
85
80
75
70
0
50
100
150
200
ANALOG INPUT FREQUENCY (MHz)
SNR = +25°C
SFDR = +25°C
SNR = –40°C
SFDR = –40°C
SNR = +85°C
SFDR = +85°C
Figure 19. 125 MSPS, SNR/SFDR vs. Analog Input Frequency, 3.4 V p-p
120
100
80
60
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT AMPLITUDE (dB)
SFDR dBFS
SFDR dBc
SNR dBFS
SNR dB
Figure 20. 130 MSPS, 170.3 MHz SNR/SFDR vs. Analog Input Amplitude,
CMOS Output Mode
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–120
–110
–130
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT AMPLITUDE (dB)
SFDR dBc
WORST IMD3 dBc
SFDR dBFS
WORST IMD3 dBFS
Figure 21. 130 MSPS, Two-Tone SFDR vs. Analog Input Amplitude,
169.6 MHz, 170.6 MHz
6000
5000
4000
3000
2000
1000
0
BIN
Figure 22. 130 MSPS, Grounded Input Histogram
0
–140
–120
–100
–80
–60
–40
–20
0
15.625
31.250
46.875
62.500
FREQUENCY (MHz)
105MSPS
170.6MHz @ –7.0dBFS
169.6MHz @ –7.0dBFS
SFDR = 89dBFS
Figure 23. 130 MSPS, 64k Point Two-Tone FFT, 169.6 MHz, 170.6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com