Electronic Components Datasheet Search
  English  ▼

X  

AD9461 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9461 Datasheet HTML 13Page - Analog Devices AD9461 Datasheet HTML 14Page - Analog Devices AD9461 Datasheet HTML 15Page - Analog Devices AD9461 Datasheet HTML 16Page - Analog Devices AD9461 Datasheet HTML 17Page - Analog Devices AD9461 Datasheet HTML 18Page - Analog Devices AD9461 Datasheet HTML 19Page - Analog Devices AD9461 Datasheet HTML 20Page - Analog Devices AD9461 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD9461
Rev. 0 | Page 17 of 28
THEORY OF OPERATION
The AD9461 architecture is optimized for high speed and ease
of use. The analog inputs drive an integrated, high bandwidth
track-and-hold circuit that samples the signal prior to quantization
by the 16-bit pipeline ADC core. The device includes an on-board
reference and input logic that accepts TTL, CMOS, or LVPECL
levels. The digital output logic levels are user selectable as standard
3 V CMOS or LVDS (ANSI-644 compatible) via the OUTPUT
MODE pin.
ANALOG INPUT AND REFERENCE OVERVIEW
A stable and accurate 0.5 V band gap voltage reference is built
into the AD9461. The input range can be adjusted by varying
the reference voltage applied to the AD9461, using either the
internal reference or an externally applied reference voltage.
The input span of the ADC tracks reference voltage changes
linearly.
Internal Reference Connection
A comparator within the AD9461 detects the potential at the
SENSE pin and configures the reference into three possible states,
summarized in Table 9. If SENSE is grounded, the reference
amplifier switch is connected to the internal resistor divider (see
Figure 29), setting VREF to ~1.7 V. If a resistor divider is
connected as shown in Figure 30, the switch again sets to the
SENSE pin. This puts the reference amplifier in a noninverting
mode with the VREF output defined as
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
V
VREF
1
5
.
0
In all reference configurations, REFT and REFB drive the
analog-to-digital conversion core and establish its input span.
The input range of the ADC always equals twice the voltage at
the reference pin for either an internal or an external reference.
Internal Reference Trim
The internal reference voltage is trimmed during the production
test; therefore, there is little advantage to the user supplying an
external voltage reference to the AD9461. The gain trim is
performed with the AD9461 input range set to 3.4 V p-p
nominal (SENSE connected to AGND). Because of this trim,
and the maximum ac performance provided by the 3.4 V p-p
analog input range, there is little benefit to using analog input
ranges <2 V p-p. However, reducing the range can improve SFDR
performance in some applications. Likewise, increasing the
range up to 3.4 V p-p can improve SNR. Users are cautioned
that the differential nonlinearity of the ADC varies with the
reference voltage. Configurations that use <2.0 V p-p can
exhibit missing codes and, therefore, degraded noise and
distortion performance.
10µF
+
0.1µF
VREF
SENSE
0.5V
AD9461
VIN–
VIN+
REFT
0.1µF
0.1µF
10µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
Figure 29. Internal Reference Configuration
10µF
+
0.1µF
VREF
SENSE
R2
R1
0.5V
AD9461
VIN–
VIN+
REFT
0.1µF
0.1µF
10µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
Figure 30. Programmable Reference Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com