Electronic Components Datasheet Search
  English  ▼

X  

AD9461 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9461 Datasheet HTML 6Page - Analog Devices AD9461 Datasheet HTML 7Page - Analog Devices AD9461 Datasheet HTML 8Page - Analog Devices AD9461 Datasheet HTML 9Page - Analog Devices AD9461 Datasheet HTML 10Page - Analog Devices AD9461 Datasheet HTML 11Page - Analog Devices AD9461 Datasheet HTML 12Page - Analog Devices AD9461 Datasheet HTML 13Page - Analog Devices AD9461 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9461
Rev. 0 | Page 10 of 28
74
D4+
73
D3+
72
D2+
69
DNC
70
D0+ (LSB)
71
D1+
75
DRGND
68
DCO+
67
DCO–
66
DNC
64
DRVDD
63
DRGND
62
DNC
61
DNC
60
DNC
59
DNC
58
DNC
57
DNC
56
DNC
55
DNC
54
DNC
53
DNC
52
DNC
51
DNC
65
DNC
PIN 1
DNC = DO NOT CONNECT
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
DNC
3
OUTPUT MODE
4
DFS
7
SENSE
6
AVDD1
5
LVDS_BIAS
1
DCS MODE
8
VREF
9
AGND
10
REFT
12
AVDD2
13
AVDD2
14
AVDD2
15
AVDD2
16
AVDD2
17
AVDD2
18
AVDD1
19
AVDD1
20
AVDD1
21
AGND
22
VIN+
23
VIN–
24
AGND
25
AVDD2
11
REFB
AD9461
CMOS MODE
TOP VIEW
(Not to Scale)
Figure 5. 100-Lead TQFP_EP, Pin Configuration in CMOS Mode
Table 8. Pin Function Descriptions—100-Lead TQFP_EP in CMOS Mode
Pin No.
Mnemonic
Description
1
DCS MODE
Clock Duty Cycle Stabilizer (DCS) Control Pin. CMOS compatible.
DCS = low (AGND) to enable DCS (recommended).
DCS = high (AVDD1) to disable DCS.
2, 49 to 62, 65 to 66, 69
DNC
Do Not Connect. These pins should float.
3
OUTPUT MODE
CMOS-Compatible Output Logic Mode Control Pin.
OUTPUT MODE = 0 for CMOS mode.
OUTPUT MODE = 1 (AVDD1) for LVDS outputs.
4
DFS
Data Format Select Pin. CMOS control pin that determines the format of the output data.
DFS = high (AVDD1) for twos complement.
DFS = low (ground) for offset binary format.
5
LVDS_BIAS
Set Pin for LVDS Output Current. Place 3.7 kΩ resistor terminated to DRGND.
6, 18 to 20, 32 to 34, 36,
38, 43 to 45, 92 to 97
AVDD1
3.3 V (±5%) Analog Supply.
7
SENSE
Reference Mode Selection. Connect to AGND for internal 1.7 V reference (3.4 V p-p analog
input range); connect to AVDD1 for external reference.
8
VREF
1.7 V Reference I/O. The function is dependent on the SENSE pin and external programming
resistors. Decouple to ground with 0.1 μF and 10 μF capacitors.
9, 21, 24, 39, 42, 46, 91, 98,
99, Exposed Heat Sink
AGND
Analog Ground. The exposed heat sink on the bottom of the package must be connected to
AGND.
10
REFT
Differential Reference Output. Decoupled to ground with 0.1 μF capacitor and to REFB
(Pin 11) with 0.1 μF and 10 μF capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com