Electronic Components Datasheet Search
  English  ▼

X  

AD9461 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9461 Datasheet HTML 14Page - Analog Devices AD9461 Datasheet HTML 15Page - Analog Devices AD9461 Datasheet HTML 16Page - Analog Devices AD9461 Datasheet HTML 17Page - Analog Devices AD9461 Datasheet HTML 18Page - Analog Devices AD9461 Datasheet HTML 19Page - Analog Devices AD9461 Datasheet HTML 20Page - Analog Devices AD9461 Datasheet HTML 21Page - Analog Devices AD9461 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD9461
Rev. 0 | Page 18 of 28
Table 9. Reference Configuration Summary
Selected Mode
SENSE Voltage
Resulting VREF (V)
Resulting Differential Span (V p-p)
External Reference
AVDD
N/A
2 × external reference
Programmable Reference
0.2 V to VREF
⎟
⎠
⎞
⎜
⎝
⎛ +
×
R1
R2
1
0.5
, (See Figure 30)
2 × VREF
Programmable Reference
(Set for 2 V p-p)
0.2 V to VREF
⎟
⎠
⎞
⎜
⎝
⎛ +
×
R1
R2
1
0.5
, R1 = R2 = 1 kΩ
2.0
Internal Fixed Reference
AGND to 0.2 V
1.7
3.4
External Reference Operation
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7 kΩ load. The internal buffer continues to generate the positive
and negative full-scale references, REFT and REFB, for the
ADC core. The input span is always twice the value of the
reference voltage; therefore, the external reference must be
limited to a maximum of 2.0 V. See Figure 24 for gain variation vs.
temperature.
Analog Inputs
As with most new high speed, high dynamic range ADCs, the
analog input to the AD9461 is differential. Differential inputs
improve on-chip performance because signals are processed
through attenuation and gain stages. Most of the improvement
is a result of differential analog stages having high rejection of
even-order harmonics. There are also benefits at the PCB level.
First, differential inputs have high common-mode rejection of
stray signals, such as ground and power noise. Second, they
provide good rejection of common-mode signals, such as local
oscillator feedthrough. The specified noise and distortion of the
AD9461 cannot be realized with a single-ended analog input;
therefore, such configurations are discouraged. Contact sales for
recommendations of other 16-bit ADCs that support single-
ended analog input configurations.
With the 1.7 V reference, which is the nominal value (see the
Internal Reference Trim section), the differential input range of
the AD9461 analog input is nominally 3.4 V p-p or 1.7 V p-p on
each input (VIN+ or VIN−).
3.5V
VIN+
VIN–
1.7V p-p
DIGITAL OUT = ALL 1s
DIGITAL OUT = ALL 0s
Figure 31. Differential Analog Input Range for VREF = 1.7 V
The AD9461 analog input voltage range is offset from ground
by 3.5 V. Each analog input connects through a 1 kΩ resistor to
the 3.5 V bias voltage and to the input of a differential buffer. The
internal bias network on the input properly biases the buffer for
maximum linearity and range (see the Equivalent Circuits section).
Therefore, the analog source driving the AD9461 should be ac-
coupled to the input pins. The recommended method for driving
the analog input of the AD9461 is to use an RF transformer to
convert single-ended signals to differential (see Figure 32). Series
resistors between the output of the transformer and the AD9461
analog inputs help isolate the analog input source from switching
transients caused by the internal sample-and-hold circuit. The
series resistors, along with the 1 kΩ resisters connected to the
internal 3.5 V bias, must be considered in impedance matching
the transformer input. For example, if RT is set to 51 Ω, RS is set
to 33 Ω and there is a 1:1 impedance ratio transformer, the input
matches a 50 Ω source with a full-scale drive of 16.0 dBm. The
50 Ω impedance matching can also be incorporated on the
secondary side of the transformer, as shown in the evaluation
board schematic (see Figure 35).
0.1µF
RT
AD9461
VIN+
VIN–
RS
RS
ADT1–1WT
ANALOG
INPUT
SIGNAL
Figure 32. Transformer-Coupled Analog Input Circuit
CLOCK INPUT CONSIDERATIONS
Any high speed ADC is extremely sensitive to the quality of the
sampling clock provided by the user. A track-and-hold circuit is
essentially a mixer, and any noise, distortion, or timing jitter on
the clock combines with the desired signal at the analog-to-
digital output. For that reason, considerable care was taken in
the design of the clock inputs of the AD9461, and the user is
advised to give careful thought to the clock source.
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, can be sensitive
to the clock duty cycle. Commonly a 5% tolerance is required on
the clock duty cycle to maintain dynamic performance charac-
teristics. The AD9461 contains a clock duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal ~50% duty cycle. Noise and distortion per-
formance are nearly flat for a 30% to 70% duty cycle with the DCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com