Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 28Page - NXP Semiconductors LPC55S0X Datasheet HTML 29Page - NXP Semiconductors LPC55S0X Datasheet HTML 30Page - NXP Semiconductors LPC55S0X Datasheet HTML 31Page - NXP Semiconductors LPC55S0X Datasheet HTML 32Page - NXP Semiconductors LPC55S0X Datasheet HTML 33Page - NXP Semiconductors LPC55S0X Datasheet HTML 34Page - NXP Semiconductors LPC55S0X Datasheet HTML 35Page - NXP Semiconductors LPC55S0X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
32 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
PIO1_25
50
-
[2]
Z I/O 0
PIO1_25 — General-purpose digital input/output pin.
I/O 1
FC2_TXD_SCL_MISO_WS — Flexcomm 2: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word-select/frame.
O
2
SCT0_OUT2 — SCTimer/PWM output 2.
I/O 3
R — Reserved.
I
4
UTICK_CAP0 — Micro-tick timer capture input 0.
5
R — Reserved.
6
R — Reserved.
I
7
PLU_CLKIN — PLU clock input. Maximum Frequency on PLU
clock input is 25 MHz.
8
R — Reserved.
PIO1_29
53
-
[2]
Z I/O 0
PIO1_29 — General-purpose digital input/output pin.
I/O 1
FC7_RXD_SDA_MOSI_DATA — Flexcomm 7: USART
receiver, I2C data I/O, SPI master-out/slave-in data, I2S data
I/O.
I/O 2
R — Reserved.
I
3
SCT0_GPI6 — Pin input 6 to SCTimer/PWM.
4
R — Reserved.
5
R — Reserved.
6
R — Reserved.
I
7
PLU_INPUT2 — PLU input 2.
FB
29
21
-
-
Feedback node (regulated output) of DCDC converter.
LX
31
23
-
-
DCDC converter power stage output.
RESETN
23
19
[5]
-
I
External reset input: A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default states,
and the boot code to execute. Wakes up the part from deep
power-down mode.
VBAT_DCDC 32
24
[8]
-
-
Supply of DCDC output stage. DCDC core supply (references
and regulation stages).
VBAT_ PMU 33
25
[8]
-
-
Analog supply.
VDD
8; 16;
28; 43;
56
5; 12;
33; 42
-
-
Single 1.8 V to 3.6 V power supply powers I/Os.
VDD_PMU
24
20
-
-
Core supply. For applications with DCDC converter, VDD_PMU
and FB are tied at PCB level.
VDDA
9
6
-
-
Analog supply voltage. At PCB level, has to be tied to main
supply (VBAT_PMU, VBAT_DCDC)
VREFP
10
7
-
-
ADC positive reference voltage.
VSS
exposed
pad
exposed
pad
expos
ed pad
-
-
Ground.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com