Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 48Page - NXP Semiconductors LPC55S0X Datasheet HTML 49Page - NXP Semiconductors LPC55S0X Datasheet HTML 50Page - NXP Semiconductors LPC55S0X Datasheet HTML 51Page - NXP Semiconductors LPC55S0X Datasheet HTML 52Page - NXP Semiconductors LPC55S0X Datasheet HTML 53Page - NXP Semiconductors LPC55S0X Datasheet HTML 54Page - NXP Semiconductors LPC55S0X Datasheet HTML 55Page - NXP Semiconductors LPC55S0X Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
52 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
7.24.1.5 I2S-bus interface
The I2S bus provides a standard communication interface for streaming data transfer
applications such as digital audio or data collection. The I2S bus specification defines a
3-wire serial bus with one data, one clock, and one word select/frame trigger signal,
providing single or dual (mono or stereo) audio data transfer in addition to other
configurations. Each Flexcomm Interface (0 to 5) implements one I2S channel pair and
each Flexcomm Interface (6 to 7) implement four I2S channel pairs.
The I2S interface within one Flexcomm Interface provides one channel pair that can be
configured as a master or a slave. Other channel pairs, if present, always operate as
slaves. All of the channel pairs within one Flexcomm Interface share one set of I2S
signals, and are configured together for either transmit or receive operation, using the
same mode, same data configuration, and frame configuration. All such channel pairs can
participate in a Time Division Multiplexing (TDM) arrangement. For cases requiring an
MCLK input and/or output, this is handled outside of the I2S block in the system level
clocking scheme.
Features
• A Flexcomm Interface can implement one or more I2S channel pairs, the first of which
could be a master or a slave, and the rest would be slaves. All channel pairs are
configured together for either transmit or receive and other shared attributes.
• Flexcomm interfaces 0 to 5 each provide one channel pair of I2S function. Other
channel pairs, if present, always operate as slaves.
• Configurable data size for all channels within one Flexcomm Interface, from 4 bits to
32 bits. Each channel pair can also be configured independently to act as a single
channel (mono as opposed to stereo operation).
• All channel pairs within one Flexcomm Interface share a single bit clock (SCK) and
word select/frame trigger (WS), and data line (SDA).
• Data for all I2S traffic within one Flexcomm Interface uses the Flexcomm FIFO. The
FIFO depth is 8 entries.
• Left justified and right justified data modes.
• DMA support using FIFO level triggering.
• TDM with a several stereo slots and/or mono slots is supported. Each channel pair
can act as any data slot. Multiple channel pairs can participate as different slots on
one TDM data line.
• The bit clock and WS can be selectively inverted.
• Sampling frequencies supported depends on the specific device configuration and
applications constraints (For example, system clock frequency and PLL availability)
but generally supports standard audio data rates.
7.24.2 High-speed SPI serial I/O controller
7.24.2.1 Features
• Master and slave operation.
• The maximum supported bit rate for SPI master mode (transmit/receive) and slave
mode (transmit/receive) is 50 Mbit/s.
• Data frames of 4 to 16 bits supported directly. Larger frames supported by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com