Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 42Page - NXP Semiconductors LPC55S0X Datasheet HTML 43Page - NXP Semiconductors LPC55S0X Datasheet HTML 44Page - NXP Semiconductors LPC55S0X Datasheet HTML 45Page - NXP Semiconductors LPC55S0X Datasheet HTML 46Page - NXP Semiconductors LPC55S0X Datasheet HTML 47Page - NXP Semiconductors LPC55S0X Datasheet HTML 48Page - NXP Semiconductors LPC55S0X Datasheet HTML 49Page - NXP Semiconductors LPC55S0X Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
46 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
Fig 7. Clock generation (Part 2 of 2)
FRGCTRL[15:0]
Flexcomm clock
select
FCCLKSEL[2:0]
pll0_clk_div
fro_12m
fro_hf_div
main_clk
Fractional Rate
Divider (FRG)
fro_1m
CTimer clock select
CTIMERCLKSEL[2:0]
to CTimer
main_clk
32k_osc
PLL1
Settings
PLL1
pll1_clk
fro_1m
fro_12m
011
001
010
000
111
clk_in
32k_osc
“none”
PLL1 clock select
PLL1CLKSEL[2:0]
One per Flexcomm
(mclk_in only connected if I2S is present in that Flexcomm, the High
Speed SPI has the same clocking, without mclk_in and without FRG)
to FCLK of
Flexcomm[n]
011
001
010
000
100
101
110
111
"none"
mclk_in
fro_hf
mclk_in
"none"
pll0_clk
One per CTimer
fro_1m
32k_osc
Trace Clock Select
TRACECLKSEL[2:0]
to Trace Clock
for SWO
fro_1m
32k_osc
"none"
111
001
010
000
TRACECLKDIV
Trace Clock
Divider
Systick Clock Select
SYSTICKCLKSEL[2:0]
to System
Tick Timer
fro_1m
32k_osc
"none"
111
001
010
000
SYSTICKCLKDIV
Systick Clock
Divider
CPU
main_clk
CLKOUT select
CLKOUTSEL[3:0]
CLKOUTDIV
CLKOUT
Divider
pll1_clk
32k_osc
fro_1m
fro_hf
main_clk
pll0_clk
"none"
011
001
010
000
100
101
110
111
CLKOUT
clk_in
SCT clock select
SCTCLKSEL[2:0]
SCTCLKDIV
SCTimer/PWM
Clock Divider
to SCTimer/PWM
input clock
011
001
010
000
101
111
clk_in
main_clk
pll0_clk
fro_hf
mclk_in
“none”
main_clk
100
001
011
000
101
110
111
CAN Clock Select
CANCLKSEL
to CAN
function clock
fro_1m
32k_osc
"none"
111
001
010
000
CANCLKDIV
CAN Clock
Divider
main_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com