Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 67Page - NXP Semiconductors LPC55S0X Datasheet HTML 68Page - NXP Semiconductors LPC55S0X Datasheet HTML 69Page - NXP Semiconductors LPC55S0X Datasheet HTML 70Page - NXP Semiconductors LPC55S0X Datasheet HTML 71Page - NXP Semiconductors LPC55S0X Datasheet HTML 72Page - NXP Semiconductors LPC55S0X Datasheet HTML 73Page - NXP Semiconductors LPC55S0X Datasheet HTML 74Page - NXP Semiconductors LPC55S0X Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
71 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
[1] Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C). Characterized through bench measurements
using typical samples. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
[2] Clock source FRO. PLL disabled
[3] Compiler settings: IAR v.8.20.2., optimization level 0, optimized for time off.
[4] Flash is powered down
[5] Power library in SDK sets the DCDC output based on the frequency selected. For frequencies 72 MHz or below, DCDC output is set
between 1.0 V to 1.1 V, for frequencies between 73 MHz to 96 MHz, DCDC output is set between 1.025 V to 1.150 V . Typical default
DCDC output is 1.05 V.
[6] See the FLASHCFG register in the LPC55S0x/LPC550x User Manual for system clock flash access time settings. Power Library in SDK
sets the flash wait states based on the frequency selected.
[7] Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C). Characterized through bench measurements
using typical samples. VBAT_PMU = VBAT_DCDC = VDD = 1.8 V
IDD
supply current CoreMark code executed from flash
CCLK = 48 MHz; 5 system clock
flash access time, Tamb = 25C
[2][3][6]
-
2.1
3.3
-
mA
CCLK = 48 MHz; 5 system clock
flash access time, Tamb = 55C
[2][3][6]
-
2.2
3.4
-
mA
CCLK = 48 MHz; 5 system clock
flash access time, Tamb = 85C
[2][3][6]
-
2.4
3.7
-
mA
CCLK = 48 MHz; 5 system clock
flash access time, Tamb = 105C
[2][3][6]
-
2.7
4.1
-
mA
CCLK = 96 MHz; 8 system clock
flash access time, Tamb = 25C
[2][3][6]
-
3.2
5.2
-
mA
CCLK = 96 MHz; 8 system clock
flash access time, Tamb = 55C
[2][3][6]
-
3.7
5.3
-
mA
CCLK = 96 MHz; 8 system clock
flash access time, Tamb = 85C
[2][3][6]
-
3.8
5.6
-
mA
CCLK = 96 MHz; 8 system clock
flash access time, Tamb = 105C
[2][3][6]
-
4.3
6.1
-
mA
Table 17. Static characteristics: Power consumption in active mode [5]
…continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Typ[7] Max
Unit
Table 18. Static characteristics: Power consumption in active mode[6]
Tamb = 40 C to +105 C, unless otherwise specified. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
ARM Cortex-M33 in active mode
IDD
supply current
CoreMark code executed from
SRAMX; flash powered down
CCLK = 1 MHz, Tamb = 25C
[2][3]
-
0.75
-
mA
CCLK = 16 MHz, Tamb = 25C
[3][5]
-
1
-
mA
IDD
supply current
CoreMark code executed from flash
CCLK = 1 MHz, 1 system clock
flash access time, Tamb = 25C
[2][3][7]
-
0.84
-
mA
CCLK = 16 MHz, 2 system clock
flash access time, Tamb = 25C
[3][5][7]
-
1.1
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com