Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 32Page - NXP Semiconductors LPC55S0X Datasheet HTML 33Page - NXP Semiconductors LPC55S0X Datasheet HTML 34Page - NXP Semiconductors LPC55S0X Datasheet HTML 35Page - NXP Semiconductors LPC55S0X Datasheet HTML 36Page - NXP Semiconductors LPC55S0X Datasheet HTML 37Page - NXP Semiconductors LPC55S0X Datasheet HTML 38Page - NXP Semiconductors LPC55S0X Datasheet HTML 39Page - NXP Semiconductors LPC55S0X Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
36 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
7. Functional description
7.1 Architectural overview
The Arm Cortex M33 includes two AHB-Lite buses, one system bus and one code and
bus. The Code AHB (C-AHB) interface is used for any instruction fetch and data access to
the Code region of the ARMv8-M memory map ([0x00000000 - 0x1FFFFFFF]). The
System AHB (S-AHB) interface is used for instruction fetch and data access to all other
regions of the ARMv8-M memory map ([0x20000000 - 0xFFFFFFFF]).
The LPC55S0x/LPC550x uses a multi-layer AHB matrix to connect the ARM Cortex-M33
buses and other bus masters to peripherals in a flexible manner that optimizes
performance by allowing peripherals that are on different slave ports of the matrix to be
accessed simultaneously by different bus masters. Figure 2 “LPC55S0x/LPC550x Block
diagram” shows details of the available matrix connections.
7.2 Arm Cortex-M33 processor
The ARM Cortex-M33 is based on the ARMv8-M architecture that offers systems
enhancements, such as ARM TrustZone® security, single-cycle digital signal processing,
low power consumption, enhanced debug features, and a high level of support block
integration. The ARM Cortex-M33 CPU employs a 7-stage instruction pipe and includes
an internal prefetch unit that supports speculative branching. A hardware floating-point
processor is integrated into the core. On the LPC55S0x/LPC550x, the Cortex-M33 is
augmented with two hardware co-processors providing accelerated support for additional
DSP algorithms and cryptography.
The Arm Cortex M33 provides a security foundation, offering isolation to protect valuable
IP and data with TrustZone technology. It simplifies the design and software development
of digital signal control systems with the integrated digital signal processing (DSP)
instructions.
7.3 Arm Cortex-M33 integrated Floating Point Unit (FPU)
The FPU fully supports single-precision add, subtract, multiply, divide, multiply and
accumulate, and square root operations. It also provides conversions between fixed-point
and floating-point data formats, and floating-point constant instructions.
The FPU provides floating-point computation functionality that is compliant with the
ANSI/IEEE Std 754-2008, IEEE Standard for Binary Floating-Point Arithmetic, referred to
as the IEEE 754 standard.
7.4 Memory Protection Unit (MPU)
The Cortex-M33 includes a Memory Protection Unit (MPU) which can be used to improve
the reliability of an embedded system by protecting critical data within the user
application.
The MPU allows separating processing tasks by disallowing access to each other's data,
disabling access to memory regions, allowing memory regions to be defined as read-only
and detecting unexpected memory accesses that could potentially break the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com