Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 60Page - NXP Semiconductors LPC55S0X Datasheet HTML 61Page - NXP Semiconductors LPC55S0X Datasheet HTML 62Page - NXP Semiconductors LPC55S0X Datasheet HTML 63Page - NXP Semiconductors LPC55S0X Datasheet HTML 64Page - NXP Semiconductors LPC55S0X Datasheet HTML 65Page - NXP Semiconductors LPC55S0X Datasheet HTML 66Page - NXP Semiconductors LPC55S0X Datasheet HTML 67Page - NXP Semiconductors LPC55S0X Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
64 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
block-size of 64 bits with an 128-bit key. This functionality is useful for asset protection,
such as securing application code, securing stored keys and enabling secure flash
update.
7.30.6 Universally Unique Identifier (UUID)
Each LPC55S0x/LPC550x device consists of a unique 128-bit IETF RFC4122 compliant
non-sequential UUID. It can be read from the protected flash region (register location
0x0009_FC70 onwards).
7.30.7 Device Identifier Composition Engine (DICE)
The LPC55S0x/LPC550x (secure part) supports Device Identifier Composition Engine
(DICE) to provide Composite Device Identifier (CDI). The CDI value is available at
SYSCON for consumption after boot completion. It is recommended to overwrite these
registers once ephemeral key-pairs are generated using this value.
7.30.8 Code Watchdog
The Code Watchdog provides two main mechanisms for detecting side-channel attacks,
or execution of unexpected instruction sequences
7.31 Debug Mailbox and Authentication
The Debugger Mailbox (DM) AP offers a register based mailbox accessible by both CPUs
and the device debug port DP of the MCU. This port is always enabled and external world
can send and receive data to/from ROM. This port is used to implement NXP Debug
Authentication Protocol.
BootROM implements debug mailbox protocol to interact with tools over SWD interface.
LPC55S0x/LPC550x offers a debug authentication protocol as a tool to authenticate the
debugger and grant it access to the device. The debug authentication scheme on
LPC55S0x/LPC550x is a challenge-response scheme and assures that debugger in
possession of required debug credentials only can successfully authenticate over debug
interface and access restricted parts of the device. This protocol provides a mechanism
for a device and its debug interface to authenticate the identity and credentials of the
debugger (or user). Access right settings can be pre-configured and gets loaded into
register above upon successful debug authentication. Until debug authentication process
is successfully completed, secure part of the device is non-accessible to the debugger.
7.32 Emulation and debugging
Debug and trace functions are integrated into the Arm Cortex-M33 Serial wire debug and
trace function (Serial Wire Output) are supported. Eight breakpoints and four watch points
are supported. In addition, JTAG boundary scan mode is provided.
The Arm SYSREQ reset is supported and causes the processor to reset the peripherals,
execute the boot code, restart from address 0x0000 0000, and break at the user entry
point.
The SWD pins are multiplexed with other digital I/O pins. On reset, the pins assume the
SWD functions by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com