Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 75 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 71Page - NXP Semiconductors LPC55S0X Datasheet HTML 72Page - NXP Semiconductors LPC55S0X Datasheet HTML 73Page - NXP Semiconductors LPC55S0X Datasheet HTML 74Page - NXP Semiconductors LPC55S0X Datasheet HTML 75Page - NXP Semiconductors LPC55S0X Datasheet HTML 76Page - NXP Semiconductors LPC55S0X Datasheet HTML 77Page - NXP Semiconductors LPC55S0X Datasheet HTML 78Page - NXP Semiconductors LPC55S0X Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
75 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
[1] Turn off the peripheral when the configuration is done.
[2] Measured in power-down mode
GPIO0
[1]
0.3
0.4
GPIO1
[1]
0.3
0.4
PINT
0.5
0.5
GINT
0.3
0.3
DMA0
1.7
1.7
DMA1
1.2
1.2
CRC
0.4
0.4
WWDT
0.2
0.2
RTC
0.2
0.2
MRT
0.3
0.3
SCTimer/PWM
1.3
1.4
UTICK
0.2
0.2
OS Timer
0.2
0.2
Flexcomm
Interface 0
0.8
0.8
Flexcomm
Interface 1
0.8
0.8
Flexcomm
Interface 2
0.8
0.8
Flexcomm
Interface 3
0.8
0.8
Flexcomm
Interface 4
0.8
0.8
Flexcomm
Interface 5
0.8
0.8
Flexcomm
Interface 6
0.8
0.8
Flexcomm
Interface 7
0.8
0.8
Timer0
0.3
0.3
Timer1
0.3
0.3
Timer2
0.3
0.3
Timer3
0.3
0.3
Timer4
0.3
0.3
PLU
0.8
0.8
HS SPI
0.4
0.4
CASPER
0.6
0.6
PUF
2.3
2.3
HASH-AES
0.5
0.5
Table 22. Typical peripheral power consumption
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V; T = 25 °C
Peripheral
IDD (uA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com