Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 37Page - NXP Semiconductors LPC55S0X Datasheet HTML 38Page - NXP Semiconductors LPC55S0X Datasheet HTML 39Page - NXP Semiconductors LPC55S0X Datasheet HTML 40Page - NXP Semiconductors LPC55S0X Datasheet HTML 41Page - NXP Semiconductors LPC55S0X Datasheet HTML 42Page - NXP Semiconductors LPC55S0X Datasheet HTML 43Page - NXP Semiconductors LPC55S0X Datasheet HTML 44Page - NXP Semiconductors LPC55S0X Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
41 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
7.17 APB peripherals
Table 7 provides details of the addresses for APB peripherals. APB peripherals have both
secure and non-secure access possibilities.
Table 7.
APB peripherals memory map
APB
bridge
Non-secure
base address
Secure
base address
Peripheral
0
0x4000 0000 0x5000 0000 Syscon.
0x4000 1000 0x5000 1000 IOCON. Pin function selection and pin control setup.
0x4000 2000 0x5000 2000 Group GPIO input interrupt 0 (GINT0)
0x4000 3000 0x5000 3000 Group GPIO input interrupt 1 (GINT1)
0x4000 4000 0x5000 4000 Pin interrupt and pattern match (PINT)
0x4000 5000 0x5000 5000 Secure pin interrupt and pattern match.
0x4000 6000 0x5000 6000 Input multiplexing 0 (INPUTMUX) and frequency measure.
0x4000 7000 0x5000 7000 Reserved.
0x4000 8000 0x5000 8000 Standard counter/timer 0 (CT32B0)
0x4000 9000 0x5000 9000 Standard counter/timer 1 (CT32B1)
0x4000 C000 0x5000 C000 Windowed watchdog timer 0 (WWDT0)
0x4000 D000 0x5000 D000 Multi-Rate Timer (MRT).
0x4000 E000 0x5000 E000 Micro-tick timer (Utick).
0x4001 0000 0x5001 0000 Analog comparator (ACMP0).
0x4001 3000 0x5001 3000 Analog controls.
0x4001 5000 0x5001 5000 Reserved.
1
0x4002 3000 0x5002 3000 Sysctl (I2S signal sharing)
0x4002 8000 0x5002 8000 Standard counter/timer 2 (CT32B2)
0x4002 9000 0x5002 9000 Standard counter/timer 3 (CT32B3)
0x4002 A000 0x5002 A000 Standard counter/timer 4 (CT32B4)
0x4002 C000 0x5002 C000 RTC & Wake-up timer.
0x4002 D000 0x5002 D000 OS_Event Timer.
0x4003 4000 0x5003 4000 Flash controller.
0x4003 5000 0x5003 5000 PRINCE dynamic encrypt/decrypt
0x4003 8000 0x5003 8000 Reserved.
0x4003 A000 0x5003 A000 True Random Number Generator.
0x4003 B000 0x5003 B000 Physical Unclonable Function (PUF)
0x4003 D000 0x5003 D000 Programmable Logic Unit (PLU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com