Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 92Page - NXP Semiconductors LPC55S0X Datasheet HTML 93Page - NXP Semiconductors LPC55S0X Datasheet HTML 94Page - NXP Semiconductors LPC55S0X Datasheet HTML 95Page - NXP Semiconductors LPC55S0X Datasheet HTML 96Page - NXP Semiconductors LPC55S0X Datasheet HTML 97Page - NXP Semiconductors LPC55S0X Datasheet HTML 98Page - NXP Semiconductors LPC55S0X Datasheet HTML 99Page - NXP Semiconductors LPC55S0X Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.4 — 14 April 2023
96 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
[1] Characterized on typical samples, not tested in production
; Tamb = 25
°C
[2]
max is the difference between VBAT_PMU and negative voltage level.
tdelay
propagation delay time
Low Power Mode
negative input =
VBAT_PMU/2
V_overdrive = 50 mV
-
3100 -
ns
V_overdrive = max [2]
-
900
3000
ns
propagation delay time
Low Power Mode
negative input = VBAT_PMU
- 0.1 V
V_overdrive = 50 mV
-
6000 -
ns
V_overdrive = max [2]
-
4400 -
ns
propagation delay time
Low Power Mode
negative input = 0.1 V
V_overdrive = 50 mV
-
2300 -
ns
V_overdrive = max
-
50
200
ns
propagation delay time
High Speed Mode
negative input =
VBAT_PMU/2
V_overdrive = 50 mV
-
520
-
ns
V_overdrive = max [2]
-
210
300
ns
propagation delay time
High Speed Mode
negative input =
VBAT_DCDC - 0.1 V
V_overdrive = 50 mV
-
1150 -
ns
V_overdrive = max [2]
-
790
-
ns
propagation delay time
High Speed Mode
negative input = 0.1 V
V_overdrive = 50 mV
-
405
-
ns
V_overdrive = max [2]
-
40
100
ns
Vhys
hysteresis voltage
(VHYST_P - VHSYT_N)
Common Mode Input Voltages in
[vbat-300 mV: vbat-200 mV] range
(See Vin_N in Figure 20)
-
150
300
mV
Common Mode Input Voltages in [200
mV: Vbat - 300mV] range (See Vin_N
in Figure 20)
-
100
200
mV
Rlad
ladder resistance
Resistive ladder, Divider ratio
programmed with 5-bit control word.
Entry point is either PIO1_19 or internal
VBAT_PMU
-
1.27
-
M
Fig 20. Comparator Hysteresis
Table 42. Comparator characteristics …continued
Tamb = 40 C to +105 C unless noted otherwise; VBAT_PMU = 1.8 V to 3.6 V.
Symbol Parameter
Conditions
Min Typ[1] Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com