Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA781 Datasheet HTML 13Page - Texas Instruments INA781 Datasheet HTML 14Page - Texas Instruments INA781 Datasheet HTML 15Page - Texas Instruments INA781 Datasheet HTML 16Page - Texas Instruments INA781 Datasheet HTML 17Page - Texas Instruments INA781 Datasheet HTML 18Page - Texas Instruments INA781 Datasheet HTML 19Page - Texas Instruments INA781 Datasheet HTML 20Page - Texas Instruments INA781 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Frame 1 Two-Wire Target Address Byte
Frame 2 Register Pointer Byte
1
Start By
Controller
ACK By
Target
ACK By
Target
1
9
1
9
SDA
SCL
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Stop
A.
The value of the target address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7-2.
Figure 7-11. Typical Register Pointer Set
7.5.1.2 High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup resistors. The controller
generates a start condition followed by a valid serial byte containing high-speed (HS) controller code 00001XXX.
This transmission is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400 kHz. The
INA781 does not acknowledge the HS controller code, but the INA781 does recognize the code and switches the
internal filters to support 2.94-MHz operation.
The controller then generates a repeated start condition (a repeated start condition has the same timing as
the start condition). After this repeated start condition, the protocol is the same as F/S mode, except that
transmission speeds up to 2.94 MHz are allowed. Instead of using a stop condition, use repeated start conditions
to maintain the bus in HS-mode. A stop condition ends the HS-mode and switches all the internal filters of the
device to support the F/S mode.
7.5.1.3 SMBus Alert Response
The INA781 is designed to respond to the SMBus Alert Response address. The SMBus Alert Response provides
a quick fault identification for simple targets. When an Alert occurs, the controller can broadcast the Alert
Response target address (0001 100) with the Read/Write bit set high. Following this Alert Response, any target
that generates an alert identifies itself by acknowledging the Alert Response and sending its address on the bus.
The Alert Response can activate several different targets simultaneously, similar to the I2C General Call. If
more than one target attempts to respond, bus arbitration rules apply. The losing device does not generate an
Acknowledge and continues to hold the Alert line low until that device wins arbitration.
7.6 Register Maps
7.6.1 INA781 Registers
Table 7-3 lists the INA781 registers. All register locations not listed in Table 7-3 should be considered as
reserved locations and the register contents should not be modified.
Table 7-3. INA781 Registers
Address Acronym
Register Name
Register Size (bits)
Section
0h
CONFIG
Configuration
16
Go
1h
ADC_CONFIG
ADC Configuration
16
Go
5h
VBUS
Bus Voltage Measurement
24
Go
6h
DIETEMP
Temperature Measurement
16
Go
7h
CURRENT
Current Result
24 (4 reserved)
Go
8h
POWER
Power Result
24
Go
9h
ENERGY
Energy Result
40
Go
Ah
CHARGE
Charge Result
40
Go
Bh
DIAG_ALRT
Diagnostic Flags and Alert
16
Go
Ch
COL
Current Over-Limit Threshold
16
Go
Dh
CUL
Current Under-Limit Threshold
16
Go
www.ti.com
INA781
SBOSAC0 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com