Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 33 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA781 Datasheet HTML 29Page - Texas Instruments INA781 Datasheet HTML 30Page - Texas Instruments INA781 Datasheet HTML 31Page - Texas Instruments INA781 Datasheet HTML 32Page - Texas Instruments INA781 Datasheet HTML 33Page - Texas Instruments INA781 Datasheet HTML 34Page - Texas Instruments INA781 Datasheet HTML 35Page - Texas Instruments INA781 Datasheet HTML 36Page - Texas Instruments INA781 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
www.ti.com
PACKAGE OUTLINE
6.1
5.9
6.1
5.9
1.0
0.8
0.05
0.00
2X 2.4
.000 PKG
0
1.65
2X 0.35
2X 0.25
0.85
2X 1.45
2X 2.4
0.95
1.4 0.1
1.4 0.1
10X 0.35
0.25
4X 0.45
0.35
9X 0.35
0.25
13X 0.6
0.4
(0.1) TYP
(0.4) TYP
4X (0.3)
VQFN - 1 mm max height
DEK0015A
PLASTIC QUAD FLAT PACK - NO LEAD
4228519/B 04/2022
PIN
NUMBER
LEAD SIZE
LEAD WIDTH LEAD LENGTH
1, 6, 8 & 14
0.35 - 0.45
0.40 - 0.60
2 - 5 & 9 - 12
0.25 - 0.35
0.40 - 0.60
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
1
7
8
9
14
15
0.1
C A B
0.05
C
0.1
C A B
0.05
C
A
B
C
www.ti.com
INA781
SBOSAC0 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com