Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 31 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA781 Datasheet HTML 27Page - Texas Instruments INA781 Datasheet HTML 28Page - Texas Instruments INA781 Datasheet HTML 29Page - Texas Instruments INA781 Datasheet HTML 30Page - Texas Instruments INA781 Datasheet HTML 31Page - Texas Instruments INA781 Datasheet HTML 32Page - Texas Instruments INA781 Datasheet HTML 33Page - Texas Instruments INA781 Datasheet HTML 34Page - Texas Instruments INA781 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
8.4.2 Layout Example
2
Address Lines A1, A0 via to connect
directly to VS, GND, SDA, or SCL to set
device address
Device Bypass Capcitor
I2C bus connections for clock and data
(pullup resistors not shown)
TI Device
IS+
IS
Place vias connecting to inner or bottom
layers as close as possible to the
device. The number of vias required
depends on operational current and
ambient conditions
(1) All vias close to the pin pads should be tented.
(2) All Vias are either 8 mil/18 mil or 15 mil/25 mil with a 5 mill annular ring.
(3) The distance between the IS+ and IS- power pours is 8 mil.
Figure 8-3. INA781 Layout Example
www.ti.com
INA781
SBOSAC0 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com