Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA781 Datasheet HTML 26Page - Texas Instruments INA781 Datasheet HTML 27Page - Texas Instruments INA781 Datasheet HTML 28Page - Texas Instruments INA781 Datasheet HTML 29Page - Texas Instruments INA781 Datasheet HTML 30Page - Texas Instruments INA781 Datasheet HTML 31Page - Texas Instruments INA781 Datasheet HTML 32Page - Texas Instruments INA781 Datasheet HTML 33Page - Texas Instruments INA781 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
for these registers is 16 times greater than the corresponding 20-bit LSB used in calculating returned values for
bus voltage and current.
An overcurrent threshold is set by programming the Current Over-Limit Threshold register (COL). Divide the
overcurrent limit value by the current LSB size to calculate the value needed to program the register.
In this example, the desired overcurrent limit threshold is 42 A. The Current LSB size is 150 µA/LSB, therefore
the value that should be programmed into Current Over-Limit (COL) register the value is 40 A / (150 µA/LSB x
16) = 17500d or 445Ch.
An overvoltage fault threshold on the bus voltage is set by programming the bus overvoltage limit register
(BOVL). In this example, the desired overvoltage threshold is 54 V. Divide the target threshold voltage by the
correct LSB value to calculate the value needed to program the register. For this example, the target value for
the BOVL register is = 17280d (4380h).
When setting the power over-limit value, the LSB size used to calculate the value needed in the limit registers
will be 256 times greater than the power LSB. This is because the power register is 24 bits in length while the
power fault limit register is 16 bits.
Values stored in the alert limit registers are set to the default values after VS power cycle events and must be
reprogrammed each time power is applied.
8.2.2.3 Calculate Returned Values
Multiply the returned value by the LSB value to calculate the parametric values. Table 8-4 below shows the
returned values for this application example assuming the design requirements shown in Table 8-3.
Table 8-4. Calculating Returned Values
PARAMETER
RETURNED VALUE
LSB VALUE
CALCULATED VALUE
Current (A)
240000d, 3 A980h
150 µA/LSB
36 A
Bus voltage (V)
245760d, 3 C000h
195.3125 µV/LSB
48 V
Power (W)
3600000d, 36 EE80h
480 µW/LSB
1.728 kW
Energy (J)
202500000d, C11E7A0h
7.68 mJ/LSB
1.5552 MJ
Charge (C)
13500000d, CDFE60h
150 µC/LSB
32400 C
Temperature (°C)
10880d, 2A80h
7.8125 m°C/LSB
85°C
Current, Bus Voltage (positive only), Charge, and Temperature return values in two's complement format. In
a two's complement format, a 1 in the most significant bit of the returned value represents a negative value
in binary. These values can be converted to decimal by first inverting all the bits and adding 1 to obtain the
unsigned binary value. This value must then be converted to decimal with the negative sign applied.
8.3 Power Supply Recommendations
The input circuitry of the device can accurately measure signals on common-mode voltages beyond the power-
supply voltage, VS. For example, the voltage applied to the VS power supply terminal can be 5 V, whereas the
load power-supply voltage being monitored (the common-mode voltage) can be as high as 85 V. Note that the
device can also withstand the full 0 V to 85 V range at the input terminals, regardless of whether the device has
power applied or not. Avoid applications where the GND pin is disconnected while device is actively powered.
8.4 Layout
8.4.1 Layout Guidelines
Place the required power-supply bypass capacitors as close as possible to the supply and ground terminals of
the device. A typical value for this supply bypass capacitor is 0.1 µF. Applications with noisy or high-impedance
power supplies may require additional decoupling capacitors to reject power-supply noise.
INA781
SBOSAC0 – JULY 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com