Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 1 Page - Texas Instruments

  INA781 Datasheet HTML 1Page - Texas Instruments INA781 Datasheet HTML 2Page - Texas Instruments INA781 Datasheet HTML 3Page - Texas Instruments INA781 Datasheet HTML 4Page - Texas Instruments INA781 Datasheet HTML 5Page - Texas Instruments INA781 Datasheet HTML 6Page - Texas Instruments INA781 Datasheet HTML 7Page - Texas Instruments INA781 Datasheet HTML 8Page - Texas Instruments INA781 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™
Technology
1 Features
• Low loss integrated shunt resistor
– Internal resistance: 400 µΩ, TA = 25°C
– Continuous current: ±75 A, TA = 25°C
– Peak measurement capability: ±78.64 A
• Wide common-mode range: –0.1 V to +85 V
• High-resolution, 20-bit delta-sigma ADC
• Current monitoring accuracy:
– Offset current: ±5.5 mA, maximum
– Offset drift: ±25 µA/°C, maximum
– System gain error: ±0.5% at 50 A
– System gain error drift: ±25 PPM/°C, typical
– Common-mode rejection: ±100 µA/V, maximum
• Power monitoring accuracy:
– ±0.6% at 25°C, full scale
• Energy and charge accuracy:
– ±1.1% at 25°C, full scale
• Input bias current: 2.5 nA (maximum)
• Temperature sensor: ±1.5°C (maximum at 25°C)
• Programmable conversion time and averaging
• 2.94-MHz high-speed I2C interface with 16 pin-
selectable addresses
• Operates from a 2.7-V to 5.5-V supply:
– Operational current: 640 µA (typical)
– Shutdown current: 5 µA (maximum)
2 Applications
• Power delivery
• Grid infrastructure
• Industrial battery packs
• Test equipment
• Telecom equipment
• Enterprise servers
3 Description
The INA781 is a digital power monitor with an
integrated current sensing element along with a 20-
bit delta-sigma ADC specifically designed for current-
sensing applications. The device can measure full-
scale currents up to ±78.64 A with common-mode
voltage support from –0.1 V to +85 V.
The INA781 reports current, bus voltage, die
temperature, power, energy and charge accumulation
while employing a precision ±0.5% integrated
oscillator, all while performing the needed calculations
in the background. The integrated temperature sensor
is ±2.5°C accurate over the junction temperature
range.
The low offset and gain drift design of the INA781
allows the device to be used in precise systems that
do not undergo multi-temperature calibration during
manufacturing.
The device allows for selectable ADC conversion
times from 50 µs to 4.12 ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE
SIZE (NOM)(2)
INA781
DEK (WSON, 15)
6.00 mm × 6.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
GND
20 – bit
ADC
V
I
Common-mode Voltage
(-0.1 V to 85 V)
TI Device
IS+
IS-
±0.5% Oscillator
VBUS
IN+
IN-
SH+
SH-
Power
Current
Bus Voltage
Temperature
Energy
Charge
Alert_Diag
Shunt TC
Compensation
Registers
V
I
I
2C / SMBus
Interface
A0
A1
ALERT
SDA
SCL
0.1 µF
VS
Supply Voltage
(2.7 V to 5.5 V)
Simplified Block Diagram
INA781
SBOSAC0 – JULY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - INA781

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
2Mb / 51P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
DECEMBER 2023
INA780A TI1-INA780A_V01 Datasheet
2Mb / 51P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
DECEMBER 2023
INA780B TI1-INA780B Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780B TI1-INA780B Datasheet
2Mb / 51P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
DECEMBER 2023
More results

Similar Description - INA781

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA228-Q1 TI1-INA228-Q1 Datasheet
833Kb / 37P
INA228-Q1 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA228 TI-INA228 Datasheet
2Mb / 48P
INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA228-Q1 TI-INA228-Q1_V01 Datasheet
2Mb / 50P
INA228-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
INA740A TI1-INA740A Datasheet
1Mb / 41P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA745A TI1-INA745A Datasheet
1Mb / 41P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com