Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA781 Datasheet HTML 10Page - Texas Instruments INA781 Datasheet HTML 11Page - Texas Instruments INA781 Datasheet HTML 12Page - Texas Instruments INA781 Datasheet HTML 13Page - Texas Instruments INA781 Datasheet HTML 14Page - Texas Instruments INA781 Datasheet HTML 15Page - Texas Instruments INA781 Datasheet HTML 16Page - Texas Instruments INA781 Datasheet HTML 17Page - Texas Instruments INA781 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Other diagnostic functions that are not reported by the ALERT pin but are available by reading the DIAG_ALRT
register:
• Math overflow — Indicated by the MATHOF bit, reports when an arithmetic operation has caused an internal
register overflow.
• Memory status — Indicated by the MEMSTAT bit, monitors the health of the device non-volatile trim memory.
This bit will always read '1' when the device is operating properly.
• Energy overflow — Indicated by the ENERGYOF bit, reports when the ENERGY register has reached an
overflow state due to data accumulation.
• Charge overflow — Indicated by the CHARGEOF bit, reports when the CHARGE register has reached an
overflow state due to data accumulation.
When the ALERT pin is configured to report the ADC conversion complete event, the ALERT pin becomes a
multipurpose reporting output. Figure 7-8 shows an example where the device reports ADC conversion complete
events while the INA781 device is subject to an overcurrent event, bus undervoltage event, overtemperature
event and over power-limit event.
Current
Temperature
Bus Voltage
ALERT
(ALATCH = 0)
(APOL = 0)
(CNVR = 1)
Power
Current Over Limit Threshold
Bus Under Voltage Threshold
Over Temp Threshold
Power Over Limit Threshold
BUV
SET
COL
SET
BUV
CLEAR
COL
&
BUV
SET
COL
CLEAR
BUV
&
OT
SET
BUV
&
OT
&
OP
SET
- No diag. error -
Conversion Complete
Reported
Figure 7-8. Multi-Alert Configuration
7.4 Device Functional Modes
7.4.1 Shutdown Mode
In addition to the two conversion modes (continuous and triggered), the device also has a shutdown mode
(selected by the MODE bits in ADC_CONFIG register) that reduces the quiescent current to less than 5 µA and
turns off current into the device inputs, reducing the impact of supply drain when the device is not being used.
The registers of the device can be written to and read from while the device is in shutdown mode. The device
remains in shutdown mode until another triggered conversion command or continuous conversion command is
received.
The device can be triggered to perform conversions while in shutdown mode. When a conversion is triggered,
the ADC will start the conversion. When the conversion completes, the device will return to the shutdown state.
Note that the shutdown current is specified with an inactive communications bus. Active clock and data activity
will increase the current consumption as a function of the bus frequency.
7.4.2 Power-On Reset
Power-on reset (POR) is asserted when VS drops below 1.26 V (typical) at which all of the registers are reset to
their default values. A manual device reset can be initiated by setting the RST bit in the CONFIG register. The
INA781
SBOSAC0 – JULY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com