Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 5 Page - Texas Instruments

  INA781 Datasheet HTML 1Page - Texas Instruments INA781 Datasheet HTML 2Page - Texas Instruments INA781 Datasheet HTML 3Page - Texas Instruments INA781 Datasheet HTML 4Page - Texas Instruments INA781 Datasheet HTML 5Page - Texas Instruments INA781 Datasheet HTML 6Page - Texas Instruments INA781 Datasheet HTML 7Page - Texas Instruments INA781 Datasheet HTML 8Page - Texas Instruments INA781 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
6.5 Electrical Characteristics
at TA = 25 °C, VS = 3.3 V, ISENSE = 0 A, VCM = VIN– = VBUS= 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection
–0.1 V ≤ VCM ≤ 85 V, TA = –40°C to +125°C
±15
±100
µA/V
Ios
Input offset current
TCT > 280 µs
±1
±5.5
mA
dVos/dT Input offset current drift
TA = –40°C to +125°C
±5
±25 µA/°C
PSRR
Input offset current vs power supply VS = 2.7 V to 5.5 V, TA = –40°C to +125°C
±0.2
±6
mA/V
Vos_bus VBUS offset voltage
±1
±3.5
mV
dVos/dT VBUS offset voltage drift
TA = –40°C to +125°C
±4
±20 µV/°C
PSRR
VBUS offset voltage vs power supply VS = 2.7 V to 5.5 V
±1.1
3
mV/V
DC ACCURACY
GSERR
System current sense gain error
VCM = 24 V, ISENSE = ±50 A, TA = 25°C
±0.1
±0.5
%
GS_DRFT
System current sense gain error
drift
–40°C ≤ TA ≤ 125°C
±25
ppm/°C
GBERR
VBUS voltage gain error
VBUS = 0 V to 85 V, TA = 25°C
±0.01
±0.1
%
VBUS = 0 V to 85 V,
–40°C ≤ TA ≤ 125°C
±0.025
±0.3
%
GB_DRFT VBUS voltage gain error drift
–40°C ≤ TA ≤ +125°C
±20 ppm/°C
ZBUS
VBUS pin input impedance
Device enabled with active conversions
1
MΩ
PTME
Power total measurement error
(TME)
TA = 25°C, at full scale
±0.6
%
ETME
Energy and charge TME
TA = 25°C, at full scale
±1.1
%
ADC resolution
20
Bits
1 LSB step size
Current
150
µA
Bus voltage
195.3125
µV
Temperature
7.8125
m°C
Power
480
µW
Energy
7.68
mJ
Charge
150
µC
tCT
ADC conversion-time(1)
Conversion time field = 0h
50
µs
Conversion time field = 1h
84
Conversion time field = 2h
150
Conversion time field = 3h
280
Conversion time field = 4h
540
Conversion time field = 5h
1052
Conversion time field = 6h
2074
Conversion time field = 7h
4120
INL
Integral Non-Linearity
Internal ADC
±2
m%
DNL
Differential Non-Linearity
Internal ADC
0.2
LSB
CLOCK SOURCE
FOSC
Internal oscillator frequency
1
MHz
OSCTOL
Internal oscillator frequency
tolerance
TA = 25°C
±0.5
%
TA = –40°C to +125°C
±1
%
TEMPERATURE SENSOR
Measurement range
–40
+165
°C
Temperature accuracy
TA = 25°C
±0.15
±1.5
°C
TA= –40°C to +125°C
±0.2
±2.5
°C
www.ti.com
INA781
SBOSAC0 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com