Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 35 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA781 Datasheet HTML 31Page - Texas Instruments INA781 Datasheet HTML 32Page - Texas Instruments INA781 Datasheet HTML 33Page - Texas Instruments INA781 Datasheet HTML 34Page - Texas Instruments INA781 Datasheet HTML 35Page - Texas Instruments INA781 Datasheet HTML 36Page - Texas Instruments INA781 Datasheet HTML 37Page - Texas Instruments INA781 Datasheet HTML 38Page - Texas Instruments INA781 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
,000 PKG
0
10X 0.43
(
)
2.985
2X (
)
2.4
3X ( )
2
2X (
)
1.45
(
)
0.85
2X (
)
0.25
2X (
)
0.35
(
)
1.65
2X (
)
2.4
(
)
2.985
3X ( )
2
(
)
0.95
(R0.05) TYP
13X (0.7)
4X (0.4)
9X (0.3)
10X (0.3)
6X (1.13)
6X
(0.95)
VQFN - 1 mm max height
DEK0015A
PLASTIC QUAD FLAT PACK - NO LEAD
4228519/B 04/2022
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE 12.000
1
7
8
9
14
15
www.ti.com
INA781
SBOSAC0 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com