Electronic Components Datasheet Search
  English  ▼

X  

INA781 Datasheet(PDF) 29 Page - Texas Instruments

Part # INA781
Description  INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA781 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA781 Datasheet HTML 25Page - Texas Instruments INA781 Datasheet HTML 26Page - Texas Instruments INA781 Datasheet HTML 27Page - Texas Instruments INA781 Datasheet HTML 28Page - Texas Instruments INA781 Datasheet HTML 29Page - Texas Instruments INA781 Datasheet HTML 30Page - Texas Instruments INA781 Datasheet HTML 31Page - Texas Instruments INA781 Datasheet HTML 32Page - Texas Instruments INA781 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
GND
A0
ALERT
SDA
SCL
0.1 µF
VS
Power supply voltage
(2.7 V to 5.5 V)
Bus supply rail
(upto 85 V)
IS+
IS
TI Device
LOAD
SH+
IN+
A1
VBUS
SH−
IN−
Figure 8-2. INA781 High-Side Sensing Application Diagram
8.2.1 Design Requirements
The design requirements for the circuit shown in Figure 8-2 are listed in Table 8-3.
Table 8-3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
48 V
Bus supply rail overvoltage fault threshold
54 V
Average Current
36 A
Overcurrent fault threshold (IMAX)
42 A
Temperature
85°C
Charge Accumulation Period
15 minutes
8.2.2 Detailed Design Procedure
8.2.2.1 Configure the Device
The first step to program the INA781 is to properly set the device and ADC configuration registers. On initial
power up, the CONFIG and ADC_CONFIG registers are set to the reset values as shown in Table 7-5 and
Table 7-6. In this default power-on state the device is set with the ADC continuously converting the temperature,
current, and bus voltage. If the default power-up conditions do not meet the design requirements, these registers
must be set properly after each VS power cycle event.
8.2.2.2 Set Desired Fault Thresholds
Fault thresholds are set by programming the desired trip threshold into the corresponding fault register. Table 7-1
lists the supported fault registers. The fault limit registers are 16 bits in length, therefore the effective LSB size
www.ti.com
INA781
SBOSAC0 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA781



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com