Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC4270
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 14Page - Analog Devices LTC4270 Datasheet HTML 15Page - Analog Devices LTC4270 Datasheet HTML 16Page - Analog Devices LTC4270 Datasheet HTML 17Page - Analog Devices LTC4270 Datasheet HTML 18Page - Analog Devices LTC4270 Datasheet HTML 19Page - Analog Devices LTC4270 Datasheet HTML 20Page - Analog Devices LTC4270 Datasheet HTML 21Page - Analog Devices LTC4270 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 18 of 34
OVERVIEW
Power over Ethernet, or PoE, is a standard protocol for sending DC
power over copper Ethernet data wiring. The IEEE group that ad-
ministers the 802.3 Ethernet data standards added PoE powering
capability in 2003. This original PoE standard, known as 802.3af,
allowed for 48V DC power at up to 13W. 802.3af was widely
popular, but 13W was not adequate for some applications. In 2009,
the IEEE released a new standard, known as 802.3at or PoE+,
increasing the voltage and current requirements to provide 25.5W
of delivered power. IEEE 802.3af and 802.3at are commonly known
as PoE 1. In 2018, the IEEE released the latest PoE standard,
known as 802.3bt or PoE 2. 802.3bt maximizes PD delivered power
at 71.3W.
The IEEE standard also defines PoE terminology. A device that
provides power to the network is known as a PSE, or power sourc-
ing equipment, while a device that draws power from the network
is known as a PD, or powered device. PSEs come in two types:
endpoints (typically network switches or routers), which provide
data and power; and midspans, which provide power but pass
through data. Midspans are typically used to add PoE capability to
existing non-PoE networks. PDs are typically IP phones, wireless
access points, security cameras, and similar devices.
LTC9101-2A/LTC9102 Product Overview
The LTC9101-2A/LTC9102 is a sixth generation PSE controller that
implements up to 48 (25.5W) 2-pair PSE ports in an endpoint
application. Virtually all necessary circuitry is included to implement
an IEEE 802.3at compliant PSE design, requiring an external pow-
er MOSFET and sense resistor per port; these minimize power
loss compared to alternative designs with onboard MOSFETs, and
increase system reliability.
The LTC9101-2A/LTC9102 chipset implements an optional propriet-
ary isolation scheme for inter-chip communication. This architecture
substantially reduces BOM cost by replacing expensive opto-isola-
tors and isolated power supplies with a single low-cost transformer.
A single LTC9101-2A is capable of controlling a bus of up to
four LTC9102s over this transformer-isolated interface. Direct con-
nection of the LTC9101-2A and the associated LTC9102s is also
possible.
The LTC9101-2A/LTC9102 offers a configurable interrupt signal
triggered by per-port events, per-port power on control and fault
telemetry, per-port current monitoring, VEE monitoring, and one
second rolling current and voltage averaging.
The LTC9101-2A/LTC9102 also offers advanced sixth-generation
PSE features including internal eFlash for storage of firmware
updates and custom user configuration packages, I2C quad virtuali-
zation for full backwards-compatibility with quad-based IC drivers,
ultralow 100mΩ sense resistors, +80V/–20V tolerant port-facing
pins, and improvements to cable surge ride through.
Each LTC9102 power channel is implemented with dedicated de-
tection and classification hardware. This allows all ports to detect,
classify, and power on simultaneously, drastically reducing power
on latency across a switch. Other less advanced PSEs are subject
to visible delays as PDs, for example, LED lights, power on a
port-by-port basis.
VEE and port current measurements are performed simultaneously,
enabling coherent and precise per-port power monitoring.
802.3AT 2-PAIR OPERATION
The LTC9101-2A includes up to 12 groups of four identical
ports. Each group of four ports is referred to as a quad. In the
LTC9101-2A architecture, each quad contains register configuration
and status for four 802.3at ports.
The terms port, channel, and power channel are used interchange-
ably throughout this document. These terms refer to a single
802.3at PSE port.
802.3at Type 1 Mode
All 802.3at-compliant PSEs are fully backwards compatible with ex-
isting 802.3at Type 1 PDs, as shown in Table 5. 802.3at-compliant
PSEs are forwards interoperable with new 802.3bt Type 3 and Type
4 PDs.
Note that an 802.3at PSE does not pass an 802.3bt PSE compli-
ance test, and an 802.3bt PSE does not pass an 802.3at PSE
compliance test. This is by design of the respective standards.
802.3at and 802.3bt devices are designed to be interoperable.
Table 5. PSE Maximum Delivered Power, Per-Port
DEVICE
PSE
STANDARD
802.3at
802.3bt
TYPE
1
2
3
4
PD
802.3at
1
13W
13W
13W
13W
2
13W1
25.5W
25.5W
25.5W
802.3bt
3
13W1
25.5W1
51W
51W
4
13W1
25.5W1
51W1
71.3W
1 Indicates PD allocated less power than requested.
POE BASICS
Common Ethernet data connections consist of two or four twisted
pairs of copper wire (commonly known as Ethernet cable), trans-
former-coupled at each end to avoid ground loops. PoE systems
take advantage of this coupling arrangement by applying voltage
between the center-taps of the data transformers to transmit power
from the PSE to the PD without affecting data transmission. Figure
35 shows a high level PoE system schematic.
To avoid damaging legacy data equipment that does not expect
to see DC voltage, the PoE standard defines a protocol that
determines when the PSE may apply and remove power. Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com