Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4270
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 22Page - Analog Devices LTC4270 Datasheet HTML 23Page - Analog Devices LTC4270 Datasheet HTML 24Page - Analog Devices LTC4270 Datasheet HTML 25Page - Analog Devices LTC4270 Datasheet HTML 26Page - Analog Devices LTC4270 Datasheet HTML 27Page - Analog Devices LTC4270 Datasheet HTML 28Page - Analog Devices LTC4270 Datasheet HTML 29Page - Analog Devices LTC4270 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 26 of 34
take as long as 1μs for the LTC9102 to begin regulating the current.
During this time, the current is limited only by the small impedances
in the circuit; a high current spike typically occurs, causing a voltage
transient on the VEE supply and possibly causing the LTC9101-2A/
LTC9102 to reset due to a UVLO fault. A 1μF, 100V X7R capacitor
and a SMAJ58A near each LTC9102 are recommended to minimize
spurious resets. An electrolytic bulk capacitor of at least 47μF,
100V, and a bulk TVS are also recommended per system.
LTC9102 Low Voltage Power Supplies
The LTC9102 includes internal voltage regulators that generate
low voltage supplies directly from the main PoE power supply. At
start-up, an internal regulator generates 6V at PWRIN, drawing
power from AGND. Internal 4.3V and 3.3V rails are sub-regulated
from PWRIN. The PWRIN pin requires a local 1μF, 100V bypass
capacitor.
Pull-up resistors can be connected from PWRIN to AGND to dissi-
pate heat outside the LTC9102 package. Optionally, an external
power supply can be connected to PWRIN to override the start-up
regulator and reduce power dissipation.
Figure 41 shows a pull-up resistor configuration with the internal
3.3V regulator. Bypass resistors R1, R2, R3, and R4 draw heat
away from the LTC9102s. Note that the voltage of the PWRIN
pin changes based on the LTC9102 operating mode and its corre-
sponding current consumption. If more current is consumed than
the bypass resistors provide, the start-up regulator maintains the
voltage at 6V typical. The LTC9102 can operate without the pull-up
resistors in space-constrained applications.
In applications with an external PWRIN supply, a 6.5V regulator
provides an optimum voltage to override the internal 6V start-up
regulator, while minimizing the LTC9102 device heating. The exter-
nal supply may be shared across multiple LTC9102s.
A 3.3V power supply can be connected directly to the CAP3 pin,
as shown in Figure 42. This provides the most power efficient
sleep mode. When supplying external 3.3V power, tie the EXT3
pin to CAP3. This disables the internal 3.3V regulator and prevents
power back-feed. The 3.3V regulator must power up within tCAP3EXT
specified in the Electrical Characteristics table.
If using the direct connection scheme, the 3.3V regulator that
supplies the LTC9101-2A can also supply the LTC9102s. This is the
recommended option when the LTC9101-2A and LTC9102 are on
the same side of the system isolation barrier.
Figure 41. Power Supply Configuration with Internal 3.3V Supply
Figure 42. Power Supply Configuration with External 3.3V Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com