Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC4270
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 15Page - Analog Devices LTC4270 Datasheet HTML 16Page - Analog Devices LTC4270 Datasheet HTML 17Page - Analog Devices LTC4270 Datasheet HTML 18Page - Analog Devices LTC4270 Datasheet HTML 19Page - Analog Devices LTC4270 Datasheet HTML 20Page - Analog Devices LTC4270 Datasheet HTML 21Page - Analog Devices LTC4270 Datasheet HTML 22Page - Analog Devices LTC4270 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 19 of 34
PDs are required to have a 25k common-mode resistance at their
input. When such a PD is connected to the cable, the PSE detects
this signature resistance and applies power. When the PD is later
disconnected, the PSE senses the open circuit and removes power.
The PSE also removes power in the event of a current fault or short
circuit.
When a PD is detected, the PSE looks for a classification signature
that tells the PSE the maximum power the PD draws. The PSE
can use this information to allocate power among several ports, to
police the power consumption of the PD, or to reject a PD that
draws more power than the PSE has available.
Table 6. 802.3at-Specified Power Allocations
PD
CLASS
PSE OUTPUT
POWER
ALLOCATED CABLING
LOSS
PD INPUT POWER
1
4W
0.16W
3.84W
2
7W
0.51W
6.49W
0, 3
15.4W
1.4W
13W
4
30W
4.5W
25.5W
Figure 35. 2-Pair Power over Ethernet System Diagram, Endpoint PSE
Table 7. Device Configuration Options
CFG [1:0]
NUMBER OF
PORTS
NUMBER OF
9101s
NUMBER OF
9102s
I2C
ADDRESSES
I2C ADDRESS OFFSET
0
1
2
3
4
5
6
7
8
9
10
11
0 00
12
1
1
3
✓
✓
✓
1 01
24
1
2
6
✓
✓
✓
✓
✓
✓
2 10
36
1
3
9
✓
✓
✓
✓
✓
✓
✓
✓
✓
3 11
48
1
4
12
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com