Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC4270
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 21Page - Analog Devices LTC4270 Datasheet HTML 22Page - Analog Devices LTC4270 Datasheet HTML 23Page - Analog Devices LTC4270 Datasheet HTML 24Page - Analog Devices LTC4270 Datasheet HTML 25Page - Analog Devices LTC4270 Datasheet HTML 26Page - Analog Devices LTC4270 Datasheet HTML 27Page - Analog Devices LTC4270 Datasheet HTML 28Page - Analog Devices LTC4270 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 25 of 34
The timing diagrams (Figure 30 through Figure 34) show typical
communication waveforms and their timing relationships. More
information about the SMBus data protocols can be found at
www.smbus.org.
Bus Addressing
The LTC9101-2A’s primary 7-bit serial bus address is
01A4A3A2A10b, with bits 4:1 set by AD[4:1] respectively. See Table
7 for device configuration options. Depending on device configura-
tion, up to 12 I2C addresses are populated from the I2C base
address upwards. All LTC9101-2As also respond to the broadcast
address 1111111b, allowing the host to write the same command
(typically configuration commands) to multiple LTC9101-2As in a
single transaction. If the LTC9101-2A is asserting INT, it also
responds to the alert response address (0001100b) per the SMBus
specification.
Each LTC9101-2A/LTC9102 is logically composed of multiple four
port groups, known as quads, each packed into a single I2C ad-
dress. See Device Configuration section for details. For example, if
CFG[1:0] is set to 00, an LTC9101-2A is configured as a 12-port de-
vice when attached to an LTC9102 (see Table 7). This configuration
requires consecutive I2C addresses, with quad offset 0 starting at
the I2C base address.
Interrupts and SMBAlert
Most port events can be configured to trigger an interrupt, asserting
INT and alerting the host to the event. This removes the need for
the host to poll the LTC9101-2A, minimizing serial bus traffic and
conserving host CPU cycles. Multiple LTC9101-2As can share a
common INT line, with the host using the SMBAlert protocol (ARA)
to determine which LTC9101-2A caused an interrupt.
Register Description
For information on serial bus usage, and device configuration and
status, refer to the LTC9101-2A software interface data sheet,
which can be requested through the Analog Devices Software
Request Form.
ISOLATION REQUIREMENTS
IEEE 802.3 Ethernet specifications require that network segments
(including PoE circuitry) be electrically isolated from the chassis
ground of each network interface device. However, network seg-
ments are not required to be isolated from each other, provided
that the segments are connected to devices residing within a single
building on a single power distribution system.
If the PSE is part of a larger system, contains additional external
non-Ethernet ports, or must be referenced to protective ground for
some other reason, the PoE subsystem must be electrically isolated
from the rest of the system.
The LTC9101-2A/LTC9102 chipset simplifies PSE isolation by al-
lowing the LTC9101-2A chip to reside on the non-isolated side.
There it can receive power from the main logic supply and connect
directly to the I2C/SMBus bus. In this case, the SDAIN and SDA-
OUT pins can be tied together and act as a standard I2C/SMBus
SDA pin. Isolation between the LTC9101-2A and LTC9102 is im-
plemented using a proprietary transformer-based communication
protocol. The High-Speed Data Interface section of this data sheet
provides additional details.
For simple devices, such as unmanaged PoE switches, the isola-
tion requirement can be met using an isolated main power supply
for the entire device. This strategy can be used if the device has no
electrically conducting ports other than twisted-pair Ethernet. The
LTC9101-2A may directly connect to the LTC9102s in the above
circumstances, or if the system already provides isolation.
EXTERNAL COMPONENT SELECTION
Power Supplies
The LTC9101-2A/LTC9102 requires two supply voltages to operate.
VDD requires 3.3V (nominally) relative to DGND. VEE requires a
negative voltage of between –51V to –57V for Type 2 PSEs,
relative to AGND.
Digital Power Supply
VDD provides digital power for the LTC9101-2A processor. Place
a ceramic decoupling cap of at least 0.1μF from each VDD to
DGND, as close as practical to each LTC9101-2A. In addition, each
LTC9101-2A must include a bulk cap of 10µF for robust surge
immunity. A 1.2V core voltage supply is generated internally and
requires a 1µF ceramic decoupling cap between the CAP1 pin and
DGND, and between CAP2 and DGND.
In systems using Analog Devices' proprietary isolation, VDD should
be delivered by the host controller’s non-isolated 3.3V supply.
To maintain required isolation, LTC9102 AGND and LTC9101-2A
DGND must not be connected. If using the direct connection
scheme, the LTC9101-2A DGND must be connected to LTC9102
VEE.
Main PoE Power Supply
VEE is the main isolated PoE supply that provides power to the
PDs. Because it supplies a relatively large amount of power and
is subject to significant current transients, it requires more design
care than a simple logic supply. For minimum IR loss and best
system efficiency, set VEE near maximum amplitude (57V), leaving
enough margin to account for transient overshoot or undershoot,
temperature drift, and the line regulation specifications of the partic-
ular power supply used.
A bypass capacitor and a transient voltage suppressor (TVS) be-
tween each LTC9102 AGND and VEE are very important for reliable
operation. If a short circuit occurs at one of the output ports, it can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com